Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBP50RA-120 Datasheet(PDF) 7 Page - Fuji Electric

Part # 7MBP50RA-120
Description  Intelligent Power Module ( R-Series )
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP50RA-120 Datasheet(HTML) 7 Page - Fuji Electric

  7MBP50RA-120 Datasheet HTML 1Page - Fuji Electric 7MBP50RA-120 Datasheet HTML 2Page - Fuji Electric 7MBP50RA-120 Datasheet HTML 3Page - Fuji Electric 7MBP50RA-120 Datasheet HTML 4Page - Fuji Electric 7MBP50RA-120 Datasheet HTML 5Page - Fuji Electric 7MBP50RA-120 Datasheet HTML 6Page - Fuji Electric 7MBP50RA-120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7MBP 50RA-120
IGBT IPM
1200V
6x50A+Chopper
n
n Inverter
0
20
40
60
80
100
120
140
0
40
80
120
160
200
240
280
Over Current Protection vs. Junction Temperature
V
cc=15 V
Junction Temperature: T
j [°C]
n
n Outline Drawing
Weight: 440g
Specification is subject to change without notice
October 98


Similar Part No. - 7MBP50RA-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
   Intelligent Power Module
More results

Similar Description - 7MBP50RA-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75RA-120 FUJI-6MBP75RA-120 Datasheet
283Kb / 6P
   Intelligent Power Module ( R-Series )
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Fuji Electric
6MBP15RH-060 FUJI-6MBP15RH-060 Datasheet
169Kb / 4P
   Intelligent Power Module ( RH-Series )
7MBP75RA-060 FUJI-7MBP75RA-060 Datasheet
705Kb / 9P
   Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
   Intelligent Power Module
Rev.1.0 July 2021
logo
Fuji Electric
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
   Intelligent Power Module
6MBP150RA-060 FUJI-6MBP150RA-060 Datasheet
365Kb / 7P
   Intelligent Power Module
logo
ON Semiconductor
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com