Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM73 Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM73
Description  CMOS Voltage detector with delay circuit and Manual Reset function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM73 Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM73 Datasheet HTML 4Page - ELM Technology Corporation ELM73 Datasheet HTML 5Page - ELM Technology Corporation ELM73 Datasheet HTML 6Page - ELM Technology Corporation ELM73 Datasheet HTML 7Page - ELM Technology Corporation ELM73 Datasheet HTML 8Page - ELM Technology Corporation ELM73 Datasheet HTML 9Page - ELM Technology Corporation ELM73 Datasheet HTML 10Page - ELM Technology Corporation ELM73 Datasheet HTML 11Page - ELM Technology Corporation ELM73 Datasheet HTML 12Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
16 -
Rev.1.2
http://www.elm-tech.com
■Marking
a, b : Represents “Output type” , “Manual Reset function”
and “Detection voltage range”.
c : Represents “Detection voltage”.
Symbol Detection voltage(V)
F
1.6
4.6
G
1.7
4.7
H
1.8
4.8
J
1.9
4.9
K
2.0
5.0
L
2.1
M
2.2
N
2.3
P
2.4
Q
2.5
R
2.6
S
2.7
T
2.8
U
2.9
V
3.0
• SOT-25 package
d : Represents “Assembly lot number”.
Symbol
1 to 0 and A to Z repeated (I, O, X excepted)
Symbol Output type Manual reset function Vdet range(V)
78
CMOS
Without MR function
1.4 to 3.0
79
3.1 to 5.0
7A
With MR function
1.4 to 3.0
7B
3.1 to 5.0
7C
Nch
Without MR function
1.4 to 3.0
7D
3.1 to 5.0
7E
With MR function
1.4 to 3.0
7F
3.1 to 5.0
Symbol Detection voltage(V)
1
3.1
2
3.2
3
3.3
4
3.4
5
3.5
6
3.6
7
3.7
8
3.8
9
3.9
0
4.0
A
4.1
B
4.2
C
4.3
D
1.4
4.4
E
1.5
4.5
ELM73xxxxxA CMOS Voltage detector with delay circuit and Manual Reset function
SOT-25


Similar Part No. - ELM73

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay circuit and Manual Reset function
logo
ELM Technology Corporat...
ELM73-SERIES ELM-TECH-ELM73-SERIES Datasheet
1Mb / 16P
   Manual Reset function
More results

Similar Description - ELM73

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay circuit and Manual Reset function
logo
Torex Semiconductor
XC6127 TOREX-XC6127 Datasheet
485Kb / 24P
   Ultra Small Voltage Detector with High Precision Delay Circuit and Manual Reset Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
ELM7622LAB-S ELM-TECH-ELM7622LAB-S Datasheet
196Kb / 20P
   CMOS Voltage detector with delay function
ELM76-SERIES ELM-TECH-ELM76-SERIES Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Richtek Technology Corp...
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
   Micro-Power Voltage Detector with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com