Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM45L58 Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM45L58
Description  ELM45L58xA Bipolar Dual operational amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM45L58 Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM45L58 Datasheet HTML 1Page - ELM Technology Corporation ELM45L58 Datasheet HTML 2Page - ELM Technology Corporation ELM45L58 Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
3 -
http://www.elm-tech.com
Rev.1.2
■Marking
Parameter
Mark
Content
a, b
0 to 9 & A to Z
(I, O, X excepted)
Lot No.
Vcc=+5V, GND=-5V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input offset voltage
Vio
RS≤10kΩ
0.5
5.0
mV
Input offset current
Iio
5
100
nA
Input bias current
Iib
15
250
nA
Voltage gain
Av
80
100
dB
Common-mode input voltage range
Vcmr
±4
V
Maximum output voltage swing
Vom RL≥10kΩ
±4
V
Current consumption
Icc
Vout=0V(No load )
1.5
2.5
mA
Slew rate
SR
RL=2kΩ
1
μV/sec
Input noise voltage
Vni
RS=1kΩ, f=30Hz to 30kHz
1.4
μVrms
Unity gain bandwidth
GBW
3
MHz
■Electrical characteristics
SOP-8
TSOT-28
ELM45L58xA Bipolar Dual operational amplifier
Parameter
Mark
Content
a
End number of the
Anno Domini
Year code
b
A: Jan ..... H: Aug
J: Sep ..... M: Dec
Month
c
0 to 9
Lot No.


Similar Part No. - ELM45L58

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM45L58XA ELM-TECH-ELM45L58XA Datasheet
656Kb / 3P
   Bipolar Dual operational amplifier
More results

Similar Description - ELM45L58

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM45L58XA ELM-TECH-ELM45L58XA Datasheet
656Kb / 3P
   Bipolar Dual operational amplifier
logo
Analog Devices
OP275 AD-OP275_15 Datasheet
289Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
OP275 AD-OP275_04 Datasheet
393Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
logo
STMicroelectronics
TS982 STMICROELECTRONICS-TS982 Datasheet
510Kb / 20P
   Wide bandwidth dual bipolar operational amplifier
logo
Analog Devices
OP275 AD-OP275 Datasheet
189Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. A
logo
STMicroelectronics
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
   Wide bandwidth dual bipolar operational amplifier
logo
KEC(Korea Electronics)
KIA358P KEC-KIA358P Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER)
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
MUSE02 NJRC-MUSE02 Datasheet
397Kb / 12P
   High Quality Audio, Bipolar Input, Dual Operational Amplifier
MUSES02 NJRC-MUSES02 Datasheet
396Kb / 12P
   High Quality Audio, Bipolar Input, Dual Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com