Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM7S32B Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM7S32B
Description  CMOS LOGIC IC ELM7S32B 2-input OR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7S32B Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM7S32B_17 Datasheet HTML 1Page - ELM Technology Corporation ELM7S32B_17 Datasheet HTML 2Page - ELM Technology Corporation ELM7S32B_17 Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
http://www.elm-tech.com
Rev.1.0
CMOS LOGIC IC
ELM7S32B 2-input OR gate
ELM7S 3 2 B EL
↑ ↑ ↑
a b c
■General description
ELM7S32B is CMOS 2-input OR gate IC. It realizes high speed operation similar to LS-TTL with lower power
consumption by CMOS features. The inner circuit structure of 3-stage logic gate obtains wider noise immunity
and constant output.
■Features
■Application
■Selection guide
ELM7S32BEL
Symbol
a
Function
32: 2-input OR gate
b
Product version
B
c
Taping direction
EL: Refer to PKG file
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
-0.5 to +7.0
V
Input voltage
Vin
-0.5 to Vdd+0.5
V
Output voltage
Vout
-0.5 to Vdd+0.5
V
Input protection diode current
Iik
±
20
mA
Output parasitic diode current
Iok
±
20
mA
Output current
Iout
±
25
mA
VDD/GND current
Idd, Ignd
±
25
mA
Power dissipation
Pd
200
mW
Storage temperature
Tstg
-65 to +150
°C
• Cell phones
• Digital cameras
• Portable electrical appliances like PDA, etc.
• Computers and peripherals
• Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.
• Modification inside print board, adjustment of timing, solution to noise
• Same electrical characteristic as 74HC series (output current is around 1/2 of 74HC series)
• Low consumption current
: Idd=1.0μA(Max.)(Top=25°C)
• Wide power voltage range
: 2.0V to 6.0V
• High speed
: Tpd=5ns(Typ.)(Vdd=5.0V)
• Symmetrical output impedance : | Ioh |=Iol=2mA(Min.)(Vdd=4.5V)
• Small package
: SOT-25
3 -


Similar Part No. - ELM7S32B_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S32B ETC-ELM7S32B Datasheet
672Kb / 35P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S32B ELM-TECH-ELM7S32B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input OR gate
logo
ELM Electronics
ELM7S32B ELM-ELM7S32B Datasheet
324Kb / 3P
   2-input OR gate
More results

Similar Description - ELM7S32B_17

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S32B ELM-TECH-ELM7S32B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input OR gate
ELM7S86B ELM-TECH-ELM7S86B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input Exclusive OR gate
ELM7SH32XB ELM-TECH-ELM7SH32XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input OR gate
ELM7S86B ELM-TECH-ELM7S86B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S86B 2-input Exclusive OR gate
ELM7SH86XB ELM-TECH-ELM7SH86XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input Exclusive OR gate
ELM7SH32XB ELM-TECH-ELM7SH32XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH32xB 2-input OR gate
ELM7SH32MB-EL ELM-TECH-ELM7SH32MB-EL Datasheet
314Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH32xB 2-input OR gate
ELM7S02B ELM-TECH-ELM7S02B Datasheet
276Kb / 3P
   CMOS LOGIC IC 2-input NOR gate
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
ELM7S08B ELM-TECH-ELM7S08B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input AND gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com