Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM7S08B Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM7S08B
Description  CMOS LOGIC IC ELM7S08B 2-input AND gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7S08B Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM7S08B_17 Datasheet HTML 1Page - ELM Technology Corporation ELM7S08B_17 Datasheet HTML 2Page - ELM Technology Corporation ELM7S08B_17 Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.elm-tech.com
Rev.1.0
■DC electrical characteristics
■Test circuit
■Measured wave pattern
■Marking
* Output should be opened when measuring current consumption.
SOT-25
Sym.
Mark
Content
a
E
ELM7S series
b
2
ELM7S08B
c
A to Z
(except I, O, X)
Lot No.
Parameter
Sym. Vdd
Top=25°C
Top=-40 to +85°C Unit
Condition
Min.
Typ.
Max.
Min.
Max.
Input voltage
Vih
2.0
1.50
1.50
V
4.5
3.15
3.15
6.0
4.20
4.20
Vil
2.0
0.50
0.50
V
4.5
1.35
1.35
6.0
1.80
1.80
Output voltage
Voh
2.0
1.90
2.00
1.90
V
Vin=Vih
Ioh=-20μA
4.5
4.40
4.50
4.40
6.0
5.90
6.00
5.90
4.5
4.18
4.36
4.13
Ioh=-2mA
6.0
5.68
5.83
5.63
Ioh=-2.6mA
Vol
2.0
0.00
0.10
0.10
V
Vin=
Vih or Vil
Iol=20μA
4.5
0.00
0.10
0.10
6.0
0.00
0.10
0.10
4.5
0.12
0.26
0.33
Iol=2mA
6.0
0.13
0.26
0.33
Iol=2.6mA
Input current
Iin
6.0
-0.1
0.1
-1.0
1.0
μA
Vin=Vdd or GND
Static current
Idd
6.0
1.0
10.0
μA
Vin=Vdd or GND
3 -
CMOS LOGIC IC
ELM7S08B 2-input AND gate
Pulse
Oscillator
Vdd
CL
INPUT
OUTPUT
50�
50%
50%
10%
GND
Voh
Vol
OUTPUT
tPHL
tPLH
10%
Vdd
INPUT
50%
50%
90%
90%
6ns
6ns
10%
10%
90%
90%
tTLH
tTHL


Similar Part No. - ELM7S08B_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S08B ETC-ELM7S08B Datasheet
672Kb / 35P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S08B ELM-TECH-ELM7S08B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input AND gate
logo
ELM Electronics
ELM7S08B ELM-ELM7S08B Datasheet
324Kb / 3P
   2-input AND gate
More results

Similar Description - ELM7S08B_17

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S08B ELM-TECH-ELM7S08B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input AND gate
ELM7SH08XB ELM-TECH-ELM7SH08XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input AND gate
ELM7S02B ELM-TECH-ELM7S02B Datasheet
276Kb / 3P
   CMOS LOGIC IC 2-input NOR gate
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
ELM7S32B ELM-TECH-ELM7S32B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input OR gate
ELM7SH08XB ELM-TECH-ELM7SH08XB_17 Datasheet
605Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH08xB 2-input AND gate
ELM7SH08MB-EL ELM-TECH-ELM7SH08MB-EL Datasheet
315Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH08xB 2-input AND gate
ELM7S02B ELM-TECH-ELM7S02B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S02B 2-input NOR gate
ELM7S86B ELM-TECH-ELM7S86B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input Exclusive OR gate
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com