Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAU82011WG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NAU82011WG
Description  2.9 W Mono Filter-Free Class-D Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAU82011WG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NAU82011WG Datasheet HTML 1Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 2Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 3Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 4Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 5Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 6Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 7Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 8Page - List of Unclassifed Manufacturers NAU82011WG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NAU82011WG Datasheet Rev1.0
Page 1 of 16
Dec, 2012
NAU82011WG
2.9 W Mono Filter-Free Class-D Audio Amplifier
1
Description
The NAU82011WG is a mono high efficiency filter-free Class-D audio amplifier with variable gain, which is capable of
driving a 4Ω load with up to 2.9W output power. This device provides chip enable pin with extremely low standby
current and fast start-up time of 4ms.
The NAU82011WG is ideal for the portable applications of battery drive, as it has advanced features like 91% efficiency,
low quiescent current (i.e. 1.2mA at 3.6V) and superior EMI performance. It has the ability to configure the inputs in
either single-ended or differential mode.
NAU82011WG is available in MSOP-8 package.
Key Features
Low Quiescent Current:
1.2mA at 3.6V
1.7mA at 5V
Powerful Mono Class-D Amplifier:
2.9
W (4Ω @ 5V, 10% THD+N)
2.3
W (4Ω @ 5V, 1% THD+N)
1.7
W (8Ω @ 5V, 10% THD+N)
1.38
W (8Ω @ 5V, 1% THD+N)
Low Output Noise: 20 µV
RMS
Low Current Shutdown Mode
Integrated Image Reject Filter
Click-and Pop Suppression
Integrated feedback resistor of 300 k
1.48
W (4Ω @ 3.6V, 10% THD+N)
1.2
W (4Ω @ 3.6V, 1% THD+N)
0.88 W (8
Ω @ 3.6V, 10% THD+N)
0.71 W (8
Ω @ 3.6V, 1% THD+N)
Applications
Smartphones
Tablet PCs
Personal Navigation Devices
VDD
VSS
Current / Thermal
Protection
VIN
Class D
Modulator
Output
Driver
VIP
NAU82011WG
EN
Click / Pop
Suppression
R1
R1
Figure 1: NAU82011WG Block Diagram


Similar Part No. - NAU82011WG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU82011WG NUVOTON-NAU82011WG Datasheet
563Kb / 16P
   2.9 W Mono Filter-Free Class-D Audio Amplifier
More results

Similar Description - NAU82011WG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU82011YG NUVOTON-NAU82011YG Datasheet
469Kb / 22P
   2.9 W Mono Filter-Free Class-D Audio Amplifier
NAU82011WG NUVOTON-NAU82011WG Datasheet
563Kb / 16P
   2.9 W Mono Filter-Free Class-D Audio Amplifier
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com