Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NTE1389 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE1389
Description  Integrated Circuit Dual, Audio Power Amplifier, 20W
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 3 page
background image
.590
(14.9)
.512
(13.0)
.256
(6.5)
1.260 (32.0) Max
.945 (24.0)
.100 (2.54)
.099 (2.5)
.070
(1.78)
R Typ
112
.197 (5.0)
Max




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7102Integrated Circuit Dual Audio Power Amplifier 5.5W/Ch 20W BTL 1 2 3 NTE Electronics
KIA6240KBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 KEC(Korea Electronics)
NTE1387Integrated Circuit Dual Audio Power Amplifier 2.4W/Ch 1 2 NTE Electronics
KIA6269PBIPOLAR LINEAR INTEGRATED CIRCUIT 1.2W DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA6280HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA6282KBIPOLAR LINEAR INTEGRATED CIRCUIT 4.6W DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE1395Integrated Circuit Dual Audio Power Amplifier 5.8W/Ch 1 2 NTE Electronics
KIA6283KBIPOLAR LINEAR INTEGRATED CIRCUIT 4.6W DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE1398Integrated Circuit Dual Audio Power Amplifier 5.8W/Ch 1 2 NTE Electronics
NTE1606Integrated Circuit Dual Audio Power Amplifier 4W to 7W 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl