Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMK105BJ225KVHF Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK105BJ225KVHF
Description  Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK105BJ225KVHF Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  AMK105BJ225KVHF Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK105BJ225KVHF Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
17HC06
RoHS compliance product
○AMK105BJ225KVHF
4V 1005 X5R 2.2uF +/- 10% t=0.55mmMAX
4V 0402 X5R 2.2uF +/- 10% t=0.022inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
AMK105BJ225KVHF
Capacitance Freq.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
1
2
3
4
DC Bias Voltage[V]
AMK105BJ225KVHF
DC Bias Char.
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
AMK105BJ225KVHF
Impedance,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
Temperature[degreeC]
AMK105BJ225KVHF
Capacitance Temp.


Similar Part No. - AMK105BJ225KVHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AMK105BJ225KV8F TAIYO-YUDEN-AMK105BJ225KV8F Datasheet
418Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - AMK105BJ225KVHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
GMK316BBJ106KLHT TAIYO-YUDEN-GMK316BBJ106KLHT Datasheet
277Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
JMK107B7105KAHT TAIYO-YUDEN-JMK107B7105KAHT Datasheet
278Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
EMK212B7334MGHT TAIYO-YUDEN-EMK212B7334MGHT Datasheet
403Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
JMK325B7476KMHPR TAIYO-YUDEN-JMK325B7476KMHPR Datasheet
289Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
JMK325B7476MMHPR TAIYO-YUDEN-JMK325B7476MMHPR Datasheet
289Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
EMK105BJ153KVHF TAIYO-YUDEN-EMK105BJ153KVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
EMK105B7153MVHF TAIYO-YUDEN-EMK105B7153MVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
TMK105B7153MVHF TAIYO-YUDEN-TMK105B7153MVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
TMK105BJ153MVHF TAIYO-YUDEN-TMK105BJ153MVHF Datasheet
401Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
UMK107B7333MAHT TAIYO-YUDEN-UMK107B7333MAHT Datasheet
399Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
UMK107B7683MAHT TAIYO-YUDEN-UMK107B7683MAHT Datasheet
400Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com