Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1388 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1388
Description  Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1388 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1388 Datasheet HTML 1Page - NTE Electronics NTE1388 Datasheet HTML 2Page - NTE Electronics NTE1388 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, VCC = 13.2V, RL = 4Ω, f = 1kHz, 100 x 100 x 1.5mm3
Al heat sink unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
35
80
mA
Voltage Gain
VG
Closed Loop
51
53
55
dB
Open Loop Based on a Specific Circuit
70
dB
Output Power
PO (1)
THD = 10%, RL = 4Ω
5.0
5.8
W
PO (2)
THD = 10%, RL = 2Ω
9.0
W
Total Harmonic Distortion
THD
PO = 1W
0.7
2.0
%
Input Resistance
ri
30
k
Output Noise Voltage
VNO
Rg = 10kΩ, No Filter
1.2
2.5
mV
Function of External Components:
The recommended number of external components used with the NTE1388 is 4 pieces as follows:
D Feedback Capacitor from Pin5, CNF
D Pin7 to Pin10 Bootstrap Capaciter, CBS
D Output Capacitor from Pin10, COUT
D High Frequency Paracitic Oscillation Compensating Capacitor, CX
The fixed values of these components are:
CNF
= 100
µF
CBS
= 100
µF
COUT = 1000µF
CX
= 0.15
µF
VCC
Pin Connection Diagram
(Front View)
Input
Decoupling
Filter
N.C.
Output
Filter
GND
10
9
8
7
Bootstrap
6
5
4
3
N.C.
2
1


Similar Part No. - NTE1388

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1380 NTE-NTE1380 Datasheet
25Kb / 3P
   Integrated Circuit Audio Power Amplifier, 14W
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1383 NTE-NTE1383 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL)
NTE1387 NTE-NTE1387 Datasheet
22Kb / 2P
   Integrated Circuit Dual, Audio Power Amplifier, 2.4W/Ch
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
   Integrated Circuit Dual, Audio Power Amplifier, 20W
More results

Similar Description - NTE1388

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
NTE Electronics
NTE1370 NTE-NTE1370 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
logo
KEC(Korea Electronics)
KIA7217AP KEC-KIA7217AP Datasheet
97Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
logo
NTE Electronics
NTE1375 NTE-NTE1375 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amp for Car Radio, 5.8W
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
   Integrated Circuit Audio Amplifier for Car Radio, 8W
NTE1166 NTE-NTE1166 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Output, 5.8W for Car Radio & CB
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com