Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN13373 Datasheet(PDF) 2 Page - Cree, Inc

Part # CN13373
Description  Lena series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN13373 Datasheet(HTML) 2 Page - Cree, Inc

  CN13373 Datasheet HTML 1Page - Cree, Inc CN13373 Datasheet HTML 2Page - Cree, Inc CN13373 Datasheet HTML 3Page - Cree, Inc CN13373 Datasheet HTML 4Page - Cree, Inc CN13373 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DESIGNED BY
-
DATE
-
CHECKED BY
vs
DATE
-
DRAWN BY
as
DATE
26.9.2012
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
1:4 WEIGHT
- mg
SHEET
1/1
SIZE
A4
PART NUMBER
REV
001
DRAWING TITLE
LENA-WAS
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Materials
Reflector: PC
Base part: PC
Sublens: PC
Mechanical drawing
A
D
3
2
4
1
Note: Using additional sublens add
2,1mm to total height.
Front view
11 1
Top view
Isometric view
4 3
3
58. 6


Similar Part No. - CN13373

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13374 CREE-CN13374 Datasheet
393Kb / 5P
   Lena series
logo
Ledil, Inc.
CN13377 LEDIL-CN13377 Datasheet
206Kb / 1P
   Ledil Oy Salorankatu 10 FIN 24240 SALO Finland
More results

Similar Description - CN13373

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
   Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
   Lena series
CN14090 CREE-CN14090 Datasheet
1Mb / 33P
   Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
   Lena series
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
   Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
   Lena series
CN14085 CREE-CN14085 Datasheet
1Mb / 33P
   Lena series
CN12101 CREE-CN12101 Datasheet
94Kb / 2P
   Lena series
CN12166 CREE-CN12166 Datasheet
233Kb / 4P
   Lena series
CN12109 CREE-CN12109 Datasheet
222Kb / 4P
   Lena Series
CN13159 CREE-CN13159 Datasheet
463Kb / 5P
   Lena series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com