Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN12113 Datasheet(PDF) 1 Page - Cree, Inc

Part # CN12113
Description  Lena series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN12113 Datasheet(HTML) 1 Page - Cree, Inc

  CN12113 Datasheet HTML 1Page - Cree, Inc CN12113 Datasheet HTML 2Page - Cree, Inc CN12113 Datasheet HTML 3Page - Cree, Inc CN12113 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Lena series
last update 23/2/2014
DETAILS
Product Number
CN12113_LENA-W-DL
Family
Lena
Type
RefPack
Color
metal
Diameter
111 mm
Height
87,7 mm
Style
round
Optic Material
PC
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
23/02/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L340
45 deg
Wide
75 %
1.400
-
July 7th 2017 5:35 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CN12113

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN12112 CREE-CN12112 Datasheet
221Kb / 4P
   Lena series
More results

Similar Description - CN12113

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
   Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
   Lena series
CN14090 CREE-CN14090 Datasheet
1Mb / 33P
   Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
   Lena series
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
   Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
   Lena series
CN14085 CREE-CN14085 Datasheet
1Mb / 33P
   Lena series
CN12101 CREE-CN12101 Datasheet
94Kb / 2P
   Lena series
CN12166 CREE-CN12166 Datasheet
233Kb / 4P
   Lena series
CN12109 CREE-CN12109 Datasheet
222Kb / 4P
   Lena Series
CN13159 CREE-CN13159 Datasheet
463Kb / 5P
   Lena series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com