Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56R22 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT56R22
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT56R22_14 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 91Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
89
December 26, 2014
· MFIC1 Register - HT56R23/HT56R24
Bit
76543210
Name
¾¾
T2F
SPIF
¾¾
SPIE
R/W
¾¾
R/W
R/W
¾¾
R/W
POR
¾¾
00
¾¾
00
Bit 7~6
unimplemented, read as
²0²
Bit 5
T2F: Timer/Event Counter 2 Interrupt Request Flag
0: inactive
1: active
Bit 4
SPIF: SPI Interface Interrupt Request Flag
0: inactive
1: active
Bit 3~2
unimplemented, read as
²0²
Bit 1
T2E: Timer/Event Counter 2 Interrupt Control
0: disable
1: enable
Bit 0
SPIE: SPI Interface Interrupt Control
0: disable
1: enable
· MFIC1 Register - HT56R25/HT56R26
Bit
76543210
Name
¾
T3F
T2F
SSPIFPIF
¾
T3E
T2E
SPIE
R/W
¾
R/W
R/W
¾
R/W
POR
¾
00
¾
0
Bit 7
unimplemented, read as
²0²
Bit 6
T3F: Timer/Event Counter 2 Interrupt Request Flag
0: inactive
1: active
Bit 5
T2F: Timer/Event Counter 2 Interrupt Request Flag
0: inactive
1: active
Bit 4
SPIF: SPI Interface Interrupt Request Flag
0: inactive
1: active
Bit 3
unimplemented, read as
²0²
Bit 2
T3E: Timer/Event Counter 2 Interrupt Control
0: disable
1: enable
Bit 1
T2E: Timer/Event Counter 2 Interrupt Control
0: disable
1: enable
Bit 0
SPIE: SPI Interface Interrupt Control
0: disable
1: enable


Similar Part No. - HT56R22_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Similar Description - HT56R22_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com