Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT98R068-1 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT98R068-1
Description  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
Rev. 1.10
�4
�e���a�� 1�� �01�
Rev. 1.10
�5
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
The following example shows how to clear a section of four Data Memory locations already defined
as locations adres1 to adres4.
: U nus ed , Re ad as " 00 "
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
IA R0
MP 0
IA R1
MP 1
BP
AC C
P CL
TB LP
TB LH
WD TS
ST AT US
IN TC 0
TM R0
TM R0 C
TM R1
TM R1 C
P A
PAC
PAP U
PAW K
P B
PBC
PBP U
P C
P CC
P CP U
CT RL 0
CT RL 1
IN TC 1
A NCS R
AD RL
Ge ner al P ur po se
Da ta M em or y
1024 By te s
6 Ba nk s
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
30 H
31 H
32 H
33 H
34 H
35 H
36 H
37 H
38 H
39 H
3A H
3B H
3F H
40 H
FFH
A DRH
A DCR
AC SR
TB HP
P D
P DC
P DP U
P E
PEC
PEP U
TM R2 L
TM R2 H
CT RL 2
TM R2 C
DA CR
DA 0R
DA 1R
DA 2R
DA 3R
SP IC R
BD R
LV DC
Data Memory
Indirect Addressing Program Example
data .section ´data´
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code.section at 0 ´code´
org00h
start:
mov a,04h
;setup size of block
mov block,a
mov a,offset adres1
;Accumulator loaded with first RAM address
mov mp0,a
;setup memory pointer with first RAM address
loop:
clr IAR0
;clear the data at address defined by mp0
inc mp0
;increment memory pointer
sdz block
;check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example, no reference is made to specific Data
Memory addresses.


Similar Part No. - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Similar Description - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com