Electronic Components Datasheet Search |
|
HT98R068-1 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc |
|
HT98R068-1 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc |
57 / 116 page Rev. 1.10 56 �e���a�� 1�� �01� Rev. 1.10 57 �e���a�� 1�� �01� HT98R068-1 Two Way Radio 8-Bit MCU HT98R068-1 Two Way Radio 8-Bit MCU channel have no power consumption no matter what voltage level is on analog input. If the I/O lines is selected as an I/O function and the analog input pin voltage is not equal to VDD or VSS, there user may have to take care IDD/ISTB current consumed by the pin-shared logic input function no matter the ADC module is on or off. If the ADC module is turned off, then all the ADC pin-shared I/O pins will be setup as normal I/Os. ¸ 2 (n =0 ~6 ) N A/ D Co nv er te r AD RL AD RH A/ D Da ta Re gi st er s AC S3 ~A CS 0 ST AR T EO CB f SY S PA 0/ AN 0 PA 1/ AN 1 PA 2/ AN 2 PA 3/ AN 3 PC 0/ AN 4 PC 1/ AN 5 PC 2/ AN 6 PC 3/ AN 7 AD ON B A/ D Cl oc k A DCS 2~ AD CS 0 VS S A/D Converter Structure ADRH, ADRL Register Bit ADRH ADRL 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 ADRL D11 D10 D9 D8 D7 D6 D5 D4 D� D� D1 D0 — — — — ADRH R R R R R R R R R R R R — — — — POR X X X X X X X X X X X X — — — — "X" �nknown “—” �nimplemented� �ead as “0” D11~D0 ADC conversion data ADCR Register Bit 7 6 5 4 3 2 1 0 Name START EOCB — — ACS� ACS� ACS1 ACS0 R/W R/W R — — R/W R/W R/W R/W POR 0 1 — — 0 0 0 0 Bit 7 START: Start the A/D conversion 0→1→0: start 0→1: reset the A/D converter and set EOCB to "1" This bit is used to initiate an A/D conversion process. The bit is normally low but if set high and then cleared low again, the A/D converter will initiate a conversion process. When the bit is set high the A/D converter will be reset. Bit 6 EOCB: End of A/D conversion flag 0: A/D conversion ended 1: A/D conversion in progress This read only flag is used to indicate when an A/D conversion process has completed. When the conversion process is running the bit will be high. Bit 5~4 unimplemented, read as "0" |
Similar Part No. - HT98R068-1_13 |
|
Similar Description - HT98R068-1_13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |