Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82B42R Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT82B42R_14 Datasheet HTML 46Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 47Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 48Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 50Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 53Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
Rev. 1.10
�0
�ove��e� 0�� �01�
Rev. 1.10
�1
�ove��e� 0�� �01�
HT82B42R/HT82B42RE
I/O MCU with USB Interface
TheUSR(USBendpointinterruptstatusregister)registerisusedtoindicatewhichendpointis
accessedandtoselecttheserialbus,PS2orUSB.Theendpointrequestflags,EP0_INT,EP1_INT
andEP2_INT,areusedtoindicatewhichendpointsareaccessed.Ifanendpointisaccessed,the
relatedendpointrequestflagwillbesetto“1”andtheUSBinterruptwilloccur,iftheUSBinterrupt
isenabledandthestackisnotfull.Whentheactiveendpointrequestflagisserved,theendpoint
requestflaghastobeclearedto“0”.
USR Register
Bit
7
6
5
4
3
2
1
0
�a�e
USB_flag
MODE_CTRL1 MODE_CTRL0
EP�_I�T EP1_I�T EP0_I�T
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
Bit7
USB_flag:USBmodeindicationflag
0:notinUSBmode
1:inUSBmode
ThisflagisusedtoindicatetheMCUisinUSBmodeornot.Thisbitwillbecleared
to“0”afterpower-onreset.Thedefaultvalueis“0”.
Bit6
Unimplemented
Bit5~4
MODE_CTRL1,MODE_CTRL0:USBmodecontrolbits
00:Non-USBmode,turn-offV33O,bothUDPandUDNcanbereadand
write(default)
01:Non-USBmode,has200ΩbetweenVDDandV33O,bothUDPand
UDNcanbereadandwrite
10:USBmode,1.5kΩbetweenUDNandV33O,V33Ooutput3.3V,both
UDPandUDNarereadonly
11:Non-USBmode,V33Ooutput3.3V,bothUDPandUDNcanberead
andwrite
Bit3
Unimplemented
Bit2
EP2_INT:Endpoint2accesseddetection
0:notaccessed
1:accessed
Bit1
EP1_INT:Endpoint1accesseddetection
0:notaccessed
1:accessed
Bit0
EP0_INT:Endpoint0accesseddetection
0:notaccessed
1:accessed
WhentheEP0_INT,EP1_INT,orEP2_INTbitissetto“1”(setbytheSIE),it
indicatesthatendpoint0,1,or2,isaccessedandaUSBinterruptwilloccur.Whenthe
interrupthasbeenserved,thisbitshouldbeclearedbyfirmware.


Similar Part No. - HT82B42R_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B42RE HOLTEK-HT82B42RE Datasheet
3Mb / 86P
   I/O MCU with USB Interface
More results

Similar Description - HT82B42R_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com