Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82A525R Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT82A525R
Description  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT82A525R_16 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Special Vectors
Within the Program Memory, certain locations are reserved for special usage such as reset and
interrupts.
· Location 000H
Location 000H is reserved for program initialization.
After a chip reset, the program always begins execution at this location.
· Location 004H
Location 004H is reserved for the external interrupt service program. If the INT input pin is
activated, and the interrupt is enabled, and the stack is not full, the program begins execution at
location 004H.
· Location 008H
Location 008H is reserved for the Timer/Event Counter 0 interrupt service program. If a timer
interrupt results from a Timer/Event Counter 0 overflow, and if the interrupt is enabled and the stack
is not full, the program begins execution at location 008H.
· Location 00CH
Location 00CH is reserved for the Timer/Event Counter 1 interrupt service program. If a timer
interrupt results from a Timer/Event Counter 1 overflow, and if the interrupt is enabled and the stack
is not full, the program begins execution at location 00CH.
· Location 010H
Location 010H is reserved for the USB interrupt service program. If the USB interrupt is activated,
the interrupt is enabled and the stack is not full, the program begins execution at location 010H.
· Location 014H
Location 014H is reserved for the Serial Interface 1. When 8 bits data have been received or
transmitted successfully from this Serial Interface 1, the related interrupts are enabled, and the stack
is not full, the program begins execution at location 014H.
HT82A525R
I/O Type USB 8-Bit OTP MCU with SPI
Rev. 1.80
14
March 11, 2016
S e r i a l I n t e r f a c e 2 I n t e r r u p t S u b r o u t i n e
P r o g r a m
M e m o r y
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
N o t e : n r a n g e s f r o m 0 t o F
n F F H
F F F H
F 0 0 H
1 5 b i t s
n 0 0 H
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t S u b r o u t i n e
S e r i a l I n t e r f a c e 1 I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t S u b r o u t i n e
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t S u b r o u t i n e
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
0 1 8 H
U S B I n t e r r u p t S u b r o u t i n e
0 1 4 H
Program Memory


Similar Part No. - HT82A525R_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

Similar Description - HT82A525R_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com