Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82A525R Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82A525R
Description  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82A525R_16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
System Architecture
A key factor in the high-performance features of the Holtek range of microcontrollers is attributed to
the internal system architecture. The range of devices take advantage of the usual features found
within RISC microcontrollers providing increased speed of operation and enhanced performance.
The pipelining scheme is implemented in such a way that instruction fetching and instruction
execution are overlapped, hence instructions are effectively executed in one cycle, with the exception
of branch or call instructions. An 8-bit wide ALU is used in practically all operations of the
instruction set. It carries out arithmetic operations, logic operations, rotation, increment, decrement,
branch decisions, etc. The internal data path is simplified by moving data through the Accumulator
and the ALU. Certain internal registers are implemented in the Data Memory and can be directly or
indirectly addressed. The simple addressing methods of these registers along with additional
architectural features ensure that a minimum of external components is required to provide a
functional I/O control system with maximum reliability and flexibility.
Clocking and Pipelining
The main system clock, derived from a Crystal oscillator is subdivided into four internally generated
non-overlapping clocks, T1~T4. The Program Counter is incremented at the beginning of the T1
clock during which time a new instruction is fetched. The remaining T2~T4 clocks carry out the
decoding and execution functions. In this way, one T1~T4 clock cycle forms one instruction cycle.
Although the fetching and execution of instructions takes place in consecutive instruction cycles, the
pipelining structure of the microcontroller ensures that instructions are effectively executed in one
instruction cycle. The exception to this are instructions where the contents of the Program Counter
are changed, such as subroutine calls or jumps, in which case the instruction will take one more
instruction cycle to execute.
For instructions involving branches, such as jump or call instructions, two machine cycles are
required to complete instruction execution. An extra cycle is required as the program takes one cycle
to first obtain the actual jump or call address and then another cycle to actually execute the branch.
The requirement for this extra cycle should be taken into account by programmers in timing sensitive
applications.
Rev. 1.80
11
March 11, 2016
HT82A525R
I/O Type USB 8-Bit OTP MCU with SPI
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
System Clocking and Pipelining
F e t c h I n s t . 1
E x e c u t e I n s t . 1
F e t c h I n s t . 2
F l u s h P i p e l i n e
1
2
3
4
5
6
D E L A Y :
M O V A , [ 1 2 H ]
C A L L D E L A Y
C P L [ 1 2 H ]
:
:
N O P
E x e c u t e I n s t . 2
F e t c h I n s t . 3
F e t c h I n s t . 6
E x e c u t e I n s t . 6
F e t c h I n s t . 7
Instruction Fetching


Similar Part No. - HT82A525R_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

Similar Description - HT82A525R_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com