Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82A525R Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT82A525R
Description  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT82A525R_16 Datasheet HTML 60Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 61Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 62Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 63Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 64Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 65Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 66Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 67Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
SBC A,[m]
Subtract Data Memory from ACC with Carry
Description
The contents of the specified Data Memory and the complement of the carry flag are
subtracted from the Accumulator. The result is stored in the Accumulator. Note that if
the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result
is positive or zero, the C flag will be set to 1.
Operation
ACC
¬ ACC - [m] - C
Affected flag(s)
OV, Z, AC, C
SBCM A,[m]
Subtract Data Memory from ACC with Carry and result in Data Memory
Description
The contents of the specified Data Memory and the complement of the carry flag are
subtracted from the Accumulator. The result is stored in the Data Memory. Note that if
the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result
is positive or zero, the C flag will be set to 1.
Operation
[m]
¬ ACC - [m] - C
Affected flag(s)
OV, Z, AC, C
SDZ [m]
Skip if decrement Data Memory is 0
Description
The contents of the specified Data Memory are first decremented by 1. If the result is 0
the following instruction is skipped. As this requires the insertion of a dummy instruc-
tion while the next instruction is fetched, it is a two cycle instruction. If the result is not 0
the program proceeds with the following instruction.
Operation
[m]
¬ [m] - 1
Skip if [m] = 0
Affected flag(s)
None
SDZA [m]
Skip if decrement Data Memory is zero with result in ACC
Description
The contents of the specified Data Memory are first decremented by 1. If the result is 0,
the following instruction is skipped. The result is stored in the Accumulator but the spec-
ified Data Memory contents remain unchanged. As this requires the insertion of a
dummy instruction while the next instruction is fetched, it is a two cycle instruction. If
the result is not 0, the program proceeds with the following instruction.
Operation
ACC
¬ [m] - 1
Skip if ACC = 0
Affected flag(s)
None
SET [m]
Set Data Memory
Description
Each bit of the specified Data Memory is set to 1.
Operation
[m]
¬ FFH
Affected flag(s)
None
SET [m].i
Set bit of Data Memory
Description
Bit i of the specified Data Memory is set to 1.
Operation
[m].i
¬ 1
Affected flag(s)
None
HT82A525R
I/O Type USB 8-Bit OTP MCU with SPI
Rev. 1.80
64
March 11, 2016


Similar Part No. - HT82A525R_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

Similar Description - HT82A525R_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com