Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56RU25 Datasheet(PDF) 54 Page - Holtek Semiconductor Inc

Part # HT56RU25
Description  DAC?갏SO7816, UART, A/D
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RU25 Datasheet(HTML) 54 Page - Holtek Semiconductor Inc

Back Button HT56RU25 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 53Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 54Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 55Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 56Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 57Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 58Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 155 page
background image
Rev. 1.10
54
2014-05-19
Rev. 1.10
55
2014-05-19
HT56RU25
内置
DAC、ISO7816 及 UART 接口的
低功耗
A/D 型智能卡 OTP 单片机
下图显示了与模数转换过程和相关时序的各个阶段。
A/D 转换器没有对应的配置选项,它的功能设定与操作完全由应用过程控制。
由应用过程控制初始化并开始
A/D 转换过程后,单片机的内部硬件就会开始进
行转换,在这个过程中,程序可以继续其它功能。
A/D 转换的时间为 16tAD,其
tAD 为一个 A/D 时钟周期。
t AD C
A/ D c onv er si on ti me
0000 0000B
xxxxB
0000 0101B
0010B
ST AR T
EO CB
PC R7 ~
PC R0
AC S4 ,
AC S2 ~A CS 0
Po we r- on
Re se t
En d of A /D
co nv er si on
1: D ef i ne po rt c on fi gu ra ti on
2: S el ec t a na lo g ch annel
A/ D cl o ck mu st b e f sys, f SY S /2 , f SY S /4 , f SY S /8 , f SY S /1 6 or f SY S /3 2
t A DCS =4 t AD
t AD C = t A DCS +n *t AD ; n= bi t co un t o f A DC re so lu ti on
No te :
St ar t o f A/ D
co nv er si on
Re se t A /D
co nv er te r
A/ D sa mp li ng ti me
t A DCS
0000B
St ar t o f A/ D
co nv er si on
Re se t A /D
co nv er te r
0000 0001B
0001B
St ar t o f A /D
co nv er si on
Re se t A/ D
co nv er te r
En d of A /D
co nv er si on
A/ D sa mp li ng ti me
t A DCS
0000 0000B
xxxxB
A DC mo du le
ON
AD ON B
of f
of f
on
on
t ON 2S T
t AD C
A/ D c onv er si on ti me
AD 转换时序图
编程注意事项
寄存器
ACSR 中的 ADONB 位用于暂停 A/D 转换功能以减少功耗。这一点对电
池供电的系统或手持设备非常重要。
另一个注意事项是,当
A/D 转换通道选择位改变后,A/D 转换器必须重新初始
化。当通道选择位改变后,给寄存器
ADCR 的 START 位一个脉冲即可初始化
A/D 转换器。当选择位全部被清零例外,因为 A/D 转换不需要重新初始化。


Similar Part No. - HT56RU25

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R23 HOLTEK-HT56R23 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R23 HOLTEK-HT56R23 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Similar Description - HT56RU25

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F3197 HOLTEK-HT66F3197 Datasheet
7Mb / 210P
   Enhanced A/D MCU with EEPROM and UART
HT46RU26 HOLTEK-HT46RU26 Datasheet
688Kb / 86P
   A/D Type 8-Bit MCU with UART
HT66F319 HOLTEK-HT66F319 Datasheet
8Mb / 185P
   Enhanced A/D Flash MCU with EEPROM and UART
HT46RU24 HOLTEK-HT46RU24 Datasheet
475Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT46RU232 HOLTEK-HT46RU232 Datasheet
473Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
logo
YAMAHA CORPORATION
YM3014 YAMAHA-YM3014 Datasheet
409Kb / 6P
   Serial Input Floating D/A Converter (DAC-SS)
logo
STMicroelectronics
AN1800 STMICROELECTRONICS-AN1800 Datasheet
76Kb / 7P
   STR71x BSPI USED AS A UART
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com