Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56RB688 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT56RB688_13 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
Table of Contents
Technical Document ...........................................................................7
Features ...............................................................................................7
General Description ............................................................................8
Block Diagram .....................................................................................8
Pin Assignment ...................................................................................9
Pin Description ..................................................................................10
Absolute Maximum Ratings .............................................................12
D.C. Characteristics ..........................................................................13
A.C. Characteristics ..........................................................................16
A/D Converter Characteristics .........................................................18
Power-on Reset Characteristics ......................................................18
DC/DC Converter and LDO Electrical Characteristics ...................19
System Architecture .........................................................................21
Clocking and Pipelining....................................................................21
Program Counter..................................................................................................22
Stack ....................................................................................................................23
Arithmetic and Logic Unit
- ALU ...........................................................................23
Program Memory...............................................................................24
Structure...............................................................................................................24
Special Vectors.....................................................................................................24
Look-up Table.......................................................................................................26
Table Program Example .....................................................................................26
Data Memory......................................................................................27
Structure...............................................................................................................28
General Purpose Data Memory ............................................................................28
Special Purpose Data Memory .............................................................................28
Display Memory....................................................................................................28
Special Function Registers ..............................................................30
Indirect Addressing Registers
- IAR0, IAR1..........................................................30
Memory Pointers
- MP0, MP1..............................................................................30
Bank Pointer
- BP ................................................................................................31
Accumulator
- ACC ..............................................................................................31
Rev. 1.10
2
April 15, 2013
Contents


Similar Part No. - HT56RB688_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
More results

Similar Description - HT56RB688_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
HT56RB27 HOLTEK-HT56RB27 Datasheet
938Kb / 153P
   TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com