Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56RB688 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 164 page
background image
A/D Converter Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Conditions
AV
DD
Analog operating voltage
¾
V
REF=AVDD
2.7
¾
5.5
V
V
AD
A/D Input Voltage
¾
144-pin LQFP
0
¾
V
REF
V
V
REF
A/D Input Reference Voltage
Range
¾
AV
DD=5V
2.0
¾
AV
DD+0.1
V
DNL
A/C Differential Non-Linearity
¾
AV
DD=5V, VREF=AVDD,
t
AD=0.5ms
-2
¾
2
LSB
INL
ADC Integral Non-Linearity
¾
AV
DD=5V, VREF=AVDD,
t
AD=0.5ms
-4
¾
4
LSB
I
ADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.50
0.75
mA
5V
¾
1.00
1.50
mA
t
AD
A/D Converter Clock Period
¾¾
0.5
¾
10
ms
t
ADC
A/D Conversion Time (Include
Sample and Hold Time)
¾
12-bit A/D Converter
¾
16
¾
t
AD
t
ADS
A/D Sampling Time
¾¾
¾
4
¾
t
AD
t
ON2ST
A/D on to A/D start
¾
2.7V~5.5V
2
¾¾
ms
Note:
ADC conversion time (tADC) = n (bits ADC) + 4 (sampling time).
The conversion for each bit needs one ADC clock (tAD).
Power-on Reset Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Conditions
I
POR DC
Operating Current
2.2V~
5.5V
Ta=25
°C
¾¾
0.7
mA
V
POR
VDD Start Voltage to Ensure
Power-on Reset
¾¾
¾
¾
100
mV
RR
VDD
VDD raising rate to Ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
t
POR
Minimum Time for VDD Stays at
V
POR to Ensure Power-on Reset
¾¾
1
¾¾
ms
Rev. 1.10
18
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
T i m e
V D D
V P O R
R R V D D
t P O R


Similar Part No. - HT56RB688_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
More results

Similar Description - HT56RB688_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
HT56RB27 HOLTEK-HT56RB27 Datasheet
938Kb / 153P
   TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com