Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56RB688 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
49
April 15, 2013
During Reset or
in Power down Mode
All common outputs
All segment outputs
VA
VB
VC
VSS
VA
VB
VC
VSS
Normal Operation
Mode
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
COM0
COM1
COM2
COM3
1Frame
COM4
COM5
COM6
COM7
COM0 segments ON
COM1 segments ON
COM7 segments ON
COM0 & COM1
segments ON
VA
VB
VC
VSS
VA
VB
VC
VSS
COM0 & COM2
segments ON
COM0 & COM7
segments ON
All segments ON
LCD Driver Output - Type B, 1/8 Duty, 1/3 Bias


Similar Part No. - HT56RB688_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
More results

Similar Description - HT56RB688_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
HT56RB27 HOLTEK-HT56RB27 Datasheet
938Kb / 153P
   TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com