Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56R66 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT56R66
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R66 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT56R66_14 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 123 page
background image
HT56R66/HT56R666
Rev.1.50
38
2014-04-04
LED 控制寄存器-LEDCTRL-HT56R666
LCD 输出控制寄存器-LCDOUT1
LCD 输出控制寄存器-LCDOUT2
LED 驱动输出
LED 驱动器使用 COM 和 SEG 脚驱动 LED 显示,通过 LED 控制位可配置 COM 和 SEG 输出引
脚个数,偏置以及占空比。
当 LEDCTRL 控制寄存器中的 LEDSEL 位设置为高时,COM 口和 SEG 口则被配置为 CMOS
输出来驱动 LED 显示。通过控制 LEDCTRL 寄存器的设置可以将 COM 口和 SEG 口设置为逻辑高
或逻辑低。它有 4 种不同的时序模式。它们分别是 COM 口输出低,SEG 口输出低模式;COM 口输
出低,SEG 口输出高模式;COM 口输出高,SEG 口输出低模式;COM 口输出高,SEG 口输出高模
式;当处于显示功能关闭的不活动状态时,COM 口和 SEG 口的电平仍然保持不变。LED 驱动器总
共有 5 种不同的占空比可供选择,它们分别是静态模式,1/4,1/8,1/12 和 1/16 模式。它们的每个
扫描频率为 55Hz 到 75Hz 之间。


Similar Part No. - HT56R66_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

Similar Description - HT56R66_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com