Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56R66 Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT56R66
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R66 Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT56R66_14 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 91Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 93Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 94Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 95Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 96Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 123 page
background image
HT56R66/HT56R666
Rev.1.50
93
2014-04-04
CLKMOD
0000 0x11
0000 0x11
0000 0x11
uuuu uuuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PBPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PCPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PDPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTEDGE
---- 0000
---- 0000
---- 0000
---- uuuu
LCDCTRL
0000 0000
0000 0000
0000 0000
uuuu uuuu
LCDOUT1
---- --00
---- --00
---- --00
---- --uu
LCDOUT2
0000 0000
0000 0000
0000 0000
uuuu uuuu
LEDCTRL
-000 0000
-000 0000
-000 0000
-uuu uuuu
MISC
0000 1010
0000 1010
0000 1010
uuuu uuuu
MFIC/MFIC0
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFIC1
---0 ---0
---0 ---0
---0 ---0
---u ---u
SIMCTL0
1110 0000
1110 0000
1110 0000
uuuu uuuu
SIMCTL1
1000 00-1
1000 00-1
1000 00-1
uuuu uu-u
SIMDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMAR/SIMCTL2
0000 0000
0000 0000
0000 0000
uuuu uuuu
注:
“u”表示未变化。
“x”表示未确定。
-”表示未使用。


Similar Part No. - HT56R66_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

Similar Description - HT56R66_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com