Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R063B Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT48R063B
Description  Enhanced I/O Type 8-Bit OTP MCU
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063B Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT48R063B_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R063B_13 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
HT48R063B/064B/065B/066B
Rev. 1.20
34
June 3, 2013
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers.
Register
Power-on
Reset
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Idle/Sleep)
PCL
····
0000 0000
0000 0000
0000 0000
0000 0000
MP0
··
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
··
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP0
··
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
··
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
··
- - xx xxxx
-- uu uuuu
-- uu uuuu
-- uu uuuu
··
- xxx xxxx
- uuu uuuu
- uuu uuuu
- uuu uuuu
WDTS
····
---- - 111
---- - 111
---- - 111
---- - uuu
STATUS
····
- - 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
INTC0
····
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
INTC1
·
--- 0 --- 0
--- 0 --- 0
--- 0 --- 0
--- u --- u
TMR0
····
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
····
0000 1000
0000 1000
0000 1000
uuuu uuuu
TMR1
·
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
·
0000 1
---
0000 1
---
0000 1
---
uuuu u
---
PA
····
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
····
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAWK
····
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
····
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
PB
····
- - 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBC
····
- - 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBPU
····
- - 00 0000
- 000 0000
- 000 0000
-- uu uuuu
PC
···
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
···
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCPU
···
0000 0000
0000 0000
0000 0000
uuuu uuuu
PD
·
·
---- 1111
---- 1111
---- 1111
---- uuuu
PDC
·
·
---- 1111
---- 1111
---- 1111
---- uuuu
PDPU
·
·
---- 0000
---- 0000
---- 0000
---- uuuu
CTRL0
·
·
·
---- 0000
---- 0000
---- 0000
---- uuuu
·- 0 -- 0000
- 0 -- 0000
- 0 -- 0000
- u -- uuuu
CTRL1
····
1000 1010
1000 1010
1000 1010
uuuu uuuu
SCOMC
···
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²-² not implemented
²u² means ²unchanged²
²x² means ²unknown²


Similar Part No. - HT48R063B_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
More results

Similar Description - HT48R063B_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
   Enhanced I/O 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com