Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R002 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Rev. 1.11
10
April 11, 2017
Rev. 1.11
11
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure Power-on Reset
100
mV
RRVDD VDD Raising Rate to Ensure Power-on Reset
0.035
V/ms
tPOR
Minimum Time for VDD Stays at VPOR to Ensure
Power-on Reset
1
ms
Ti me
V DD
V PO R
RR VD D
t PO R
System Architecture
Akeyfactorinthehigh-performancefeaturesoftheHoltekrangeofmicrocontrollersisattributed
totheinternalsystemarchitecture.Therangeofdevicestakeadvantageoftheusualfeaturesfound
withinRISCmicrocontrollersprovidingincreasedspeedofoperationandenhancedperformance.
Thepipeliningschemeisimplementedinsuchawaythatinstructionfetchingandinstruction
executionareoverlapped,henceinstructionsareeffectivelyexecutedinonecycle,withthe
exceptionofbranchorcallinstructions.An8-bitwideALUisusedinpracticallyalloperations
oftheinstructionset.Itcarriesoutarithmeticoperations,logicoperations,rotation,increment,
decrement,branchdecisions,etc.Theinternaldatapathissimplifiedbymovingdatathroughthe
AccumulatorandtheALU.CertaininternalregistersareimplementedintheDataMemoryand
canbedirectlyorindirectlyaddressed.Thesimpleaddressingmethodsoftheseregistersalong
withadditionalarchitecturalfeaturesensurethataminimumofexternalcomponentsisrequiredto
provideafunctionalI/Osystemwithmaximumreliabilityandflexibility.
Clocking and Pipelining
Themainsystemclock,derivedfromHIRCoscillatorissubdividedintofourinternallygenerated
non-overlappingclocks,T1~T4.TheProgramCounterisincrementedatthebeginningoftheT1
clockduringwhichtimeanewinstructionisfetched.TheremainingT2~T4clockscarryoutthe
decodingandexecutionfunctions.Inthisway,oneT1~T4clockcycleformsoneinstructioncycle.
Althoughthefetchingandexecutionofinstructionstakesplaceinconsecutiveinstructioncycles,the
pipeliningstructureofthemicrocontrollerensuresthatinstructionsareeffectivelyexecutedinone
instructioncycle.TheexceptiontothisareinstructionswherethecontentsoftheProgramCounter
arechanged,suchassubroutinecallsorjumps,inwhichcasetheinstructionwilltakeonemore
instructioncycletoexecute.
Forinstructionsinvolvingbranches,suchasjumporcallinstructions,twoinstructioncyclesare
requiredtocompleteinstructionexecution.Anextracycleisrequiredastheprogramtakesone
cycletofirstlyobtaintheactualjumporcalladdressandthenanothercycletoactuallyexecutethe
branch.Therequirementforthisextracycleshouldbetakenintoaccountbyprogrammersintiming
sensitiveapplications.


Similar Part No. - HT48R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT48R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com