Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46RB70 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46RB70
Description  48-pin SSOP
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB70 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46RB70_17 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46RB70_17 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
HT46RB70
Rev. 1.40
19
2017-04-05
输入/输出口
HT46RB70 有 38 个双向输入/输出口,记为 PA、PB、PC、PD 和 PE,其分别对应 RAM 地址[12H]、
[14H]、[16H]、[18H]和[1AH],所有端口都可以进行输入/输出操作。输入时,端口没有锁存功能,输入
信号必须在 MOV A,[m](m=12H、14H、16H、18H 和 1AH)指令的 T2 上升沿到来前准备好;输出时,
端口有锁存功能,端口上的数据会保持不变直到执行下一个写入操作。
PA0~PA7
PB0/AN0~PB7/AN7
PC0/INT
PC1/TMR0
PC2/TMR1
PC3~PC7
PD0/PWM0~PD3/PWM3
PD4~PD7
PE0/SCS
PE1/CLK
PE2/SDI
PE3/SDO
PE4~PE5
VDD
M
U
X
M
U
X
INT for PC0
TMR0 for PC1
TMR1 for PC2
System Wake-up
(PA only)
Read Data Register
Control Bit
PU
Data Bus
Write Control Register
Chip Reset
Read Control Register
Write Data Register
Data Bit
Mask Option
Mask Option
PD0~PD3
PWM0~PWM3
D
Q
CK
S
Q
D
Q
CK
S
Q
输入/输出口
每个输入/输出口都有一个控制寄存器(PAC,PBC,PCC,PDC,PEC),用来控制输入/输出状态。
利用控制寄存器,可对 CMOS 输出、带或不带上拉电阻的斯密特触发输入通过软件动态地进行改变。做
为输入时,对应的控制寄存器应设置为“1”。输入信号来源也取决于控制寄存器,如果控制寄存器的值
为“1”,那么读取的是引脚状态;如控制寄存器的值为“0”,则读取的是内部锁存器的值。后者可能会
在‘读-修改-写’指令中发生。做为输出时,只能采用 CMOS 输出。控制寄存器对应 RAM 地址 13H、
15H、17H、19H 和 1BH。
系统复位之后,这些输入/输出口会是高电平或浮空状态(由上拉电阻选项决定)。每一个输入/输出锁
存位都能用“SET [m].i”或“CLR [m].i”指令置位或清除(m=12H、14H、16H、18H 或 1AH)。
有些指令会先输入数据,然后进行输出操作。例如:“SET [m].i”,“CLR [m].i”,“CPL [m]”,
“CPLA[m]”这些指令会先将整个端口状态读入 CPU 中,接着执行所定义的运算(位操作),然后再将结果
写入锁存器或累加器中。
PA 的每一个口都具有唤醒系统的能力。
建议用软件将未使用和没有外接的输入/输出口设置为输出模式,以防止这些端口在输入浮空时增加
系统的功耗。


Similar Part No. - HT46RB70_17

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB70 HOLTEK-HT46RB70 Datasheet
373Kb / 53P
   A/D Type USB 8-Bit MCU
More results

Similar Description - HT46RB70_17

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZCRMZNICE02ZACG ZILOG-ZCRMZNICE02ZACG Datasheet
248Kb / 6P
   48-PDIP to 48-SSOP package converter
logo
National Semiconductor ...
MS48A NSC-MS48A Datasheet
35Kb / 1P
   MOLDED PACKAGE SSOP,. 300 WIDE 48 LEAD
logo
List of Unclassifed Man...
40-05-015 ETC1-40-05-015 Datasheet
25Kb / 1P
   Package Outline: 48 lead 300 mil SSOP
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
453Kb / 12P
   4 PIN ULTRA SMALL SSOP
logo
Integrated Device Techn...
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
   Packaged as 28-pin SSOP
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G_14 Datasheet
1Mb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
   52-pin LQFP竊?6-pin SSOP
HT46RB50 HOLTEK-HT46RB50_14 Datasheet
951Kb / 50P
   28-pin SOP/SKDIP竊?8-pin SSOP
logo
Solid State Optronic
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
   Ultra miniature 4 pin SSOP package
logo
List of Unclassifed Man...
PA20SS-P54 ETC2-PA20SS-P54 Datasheet
27Kb / 1P
   20 pin SSOP socket/18 pin DIP 0.3??plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com