Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R068B Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT46R068B
Description  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 135 page
background image
Rev. 1.50
68
�e���a�� 05� �015
Rev. 1.50
69
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
Thetwocontrolregisters,ANCSR1,ANCSR0,determinewhichpinsonPA0~PA3,PC0,PC1,
PC6,PC7,PE0~PE7areusedasanaloginputsfortheA/Dconverterandwhichpinsaretobeused
asnormalI/Opins.Ifthe16-bitaddressonPCR15~PCR0hasavalueof“FFH”,thenall16pins,
namelyAN0~AN15willallbesetasanaloginputs.Toreducethepowerconsumptioninnormalrun,
theADCmodulecanbeturnedoffbysettingADONB=1inACSR.OncetheADCmoduleisturned
off,theADCmoduleandanalogchannelhavenopowerconsumptionnomatterwhatvoltagelevel
isonanaloginput.IftheI/OlinesisselectedasanI/Ofunctionandtheanaloginputpinvoltageis
notequaltoVDDorVSS,thereusermayhavetotakecareIDD/ISTBcurrentconsumedbythepin-
sharedlogicinputfunctionnomattertheADCmoduleisonoroff.IftheADCmoduleisturnedoff,
thenalltheADCpin-sharedI/OpinswillbesetupasnormalI/Os.
A/ D C onv er te r
PA 0/ AN 0~ PA 3/ AN 3
PC 0/ AN 4~ PC 1/ AN 5
PC 6/ AN 6~ PC 7/ AN 7
PE 0/ AN 8~ PE 7/ AN 15
A/ D Re fe r enc e Vo lt age
AD RL
AD RH
A/ D Da ta
R egi st er s
ST AR T EO CB AD OF F
V SS
PA 2/ VR EF
AD CK 2~ A DCK 0
f SY S
PC R 15~ PC R0
AC S3 ~A CS 0
A/ D Cl oc k
V DD
AD OF F
Bi t
VR EF S
Bi t
AD RF S
bi t
¸ 2 N
(N =0 ~6 )
A/D Converter Structure
• ADRH, ADRL Register
Bit
ADRH
ADRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Name D11 D10 D9 D8 D7 D6 D5 D4 D3 D� D1 D0
R/W
R
R
R
R
R
R
R
R
R
R
R
R
POR
X
X
X
X
X
X
X
X
X
X
X
X
"X" �nknown
unimplemented,readas"0"
D11~D0
ADCconversiondata


Similar Part No. - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

Similar Description - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com