Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R003 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R003
Description  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R003 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
Rev. 1.21
4
April 11, 2017
Rev. 1.21
5
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Features
CPU Features
• Operatingvoltage:fSYS=8MHz:2.3V~5.5V
• Upto0.5μsinstructioncyclewith8MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Twooscillators:
InternalhighspeedRC--HIRC
InternallowspeedRC--LIRC
• Fullyintegratedinternal8MHzoscillatorrequiresnoexternalcomponents
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstruction
• 61powerfulinstructions
• 2-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• ProgramMemory:1K×14
• RAMDataMemory:64×8
• WatchdogTimerfunction
• Upto14bidirectionalI/Olines
• 4channel12-bitADC
• 1channel8-bitPWM
• ExternalinterruptpinsharedwithI/Opin
• One8-bitprogrammableTimer/EventCounterwithoverflowinterruptandprescaler
• Lowvoltageresetfunction
• ProgrammableFrequencyDivider–PFD
• Packagetypes:8-pinDIP/SOP,10-pinMSOPand16-pinDIP/NSOP
General Description
Thedevicesare8-bithighperformanceRISCarchitecturemicrocontrollerdevicesspecifically
designedforawiderangeofapplications.Theadvantagesoflowpowerconsumption,I/Oflexibility,
timerfunctions,oscillatoroptions,HALTandwake-upfunctions,watchdogtimer,aswellaslow
cost,enhancetheversatilityofthesedevicestosuitforawiderangeoftheI/OandA/Dcontrol
applicationpossibilitiessuchasindustrialcontrol,consumerproductsandsubsystemcontrollers,etc.


Similar Part No. - HT46R003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
More results

Similar Description - HT46R003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com