Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT45R2K-C Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
Rev. 1.40
64
�a��� 1�� �01�
Rev. 1.40
6�
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Additionally,thedevicealsoincludesabandgapvoltagegeneratorforthe1.5Vlowtemperature
sensitivereferencevoltage.Thisreferencevoltageisusedasthezeroadjustmentandforasingle
endtypereferencevoltage.
VO BG P
C FI L
BG PQ ST
(S FR b it s)
0: O ff (s hor t)
1: O n
R egul at or
B and Ga p
E nhanc e
R EF I
R FI L
RFILisabout100KΩandtherecommendCFILis10μF.
Note:TheVOBGPsignalisonlyforinternalused.Itmustnotbeconnectedtoexternalcomponentsexcept
fortherecommendCFILcapacitor.
ThereisasingleregisterassociatedwiththismodulenamedCHPRC.TheCHPRCistheCharge
Pump/RegulatorControlregister,whichcontrolsthechargepumpon/off,regulatoron/offfunctions
aswellasaclockdividervaluetogeneratethechargepumpclock.TheCHPCKD4~CHPCKD0
bitsareusetosettheclockdividertogeneratethedesiredclockfrequencyforproperchargepump
operation.Theactualfrequencyisdeterminedbythefollowingformula.
ActualChargePumpClock=(fSYS/16)/(CHPCKD+1).
CHPRC Register
Bit
7
6
5
4
3
2
1
0
Name
CHPCKD4 CHPCKD3 CHPCKD� CHPCKD1 CHPCKD0 BGPQST CHPEN
REGEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~3
CHPCKD4
~CHPCKD0:TheChargepumpclockdivider
These5bitsselecttheclockdividerrationof1~32.
ChargePumpclock=(fSYS/16)/(CHPCKD+1)
Bit2
BGPQST:Bandgapquickstart-upfunction
0:Rshort,quicklystart
1:Rconnected,normalRCfiltermode
EverytimewhenREGENchangesfrom0to1(regulatorturnson),thisbitshouldbe
setto0andthensetto1tomakesuretheBandgapstabilisesquickly(Theminimum
timeisabout2msnow).
Bit1
CHPEN:ChargePumpon/offcontrol
0:disable
1:enable
Note:thisbitwillbeignorediftheREGENisdisabled.
Bit0
REGEN:Regulator/Charge-Pumpmoduleon/offcontrol
0:disable
1:enable


Similar Part No. - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com