Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F52317BGFM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F52317BGFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52317BGFM Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F52317BGFM Datasheet HTML 1Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 2Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 3Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 4Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 5Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 6Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 7Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 8Page - Renesas Technology Corp R5F52317BGFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 4 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Timers
Independent watchdog
timer (IWDTa)
 14 bits × 1 channel
 Count clock: Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 1, 16, 32, 64, 128, or 256
Realtime clock (RTCe)
 Clock source: Sub-clock
 Time/calendar
 Interrupts: Alarm interrupt, periodic interrupt, and carry interrupt
 Time-capture facility for three values
Low power timer (LPT)
 16 bits × 1 channel
 Clock source: Sub-clock, Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 2, 4, 8, 16, or 32
8-bit timer (TMR)
 (8 bits × 2 channels) × 2 units
 Seven internal clocks (PCLK/1, PCLK/2, PCLK/8, PCLK/32, PCLK/64, PCLK/1024, and PCLK/8192)
and an external clock can be selected
 Pulse output and PWM output with any duty cycle are available
 Two channels can be cascaded and used as a 16-bit timer
Communication
functions
Serial communications
interfaces (SCIg, SCIh)
 7 channels (channel 0, 1, 5, 6, 8, 9: SCIg, channel 12: SCIh)
 SCIg
Serial communications modes: Asynchronous, clock synchronous, and smart-card interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Start-bit detection: Level or edge detection is selectable.
Simple I2C
Simple SPI
9-bit transfer mode
Bit rate modulation
Event linking by the ELC (only on channel 5)
 SCIh (The following functions are added to SCIg)
Supports the serial communications protocol, which contains the start frame and information frame
Supports the LIN format
IrDA interface (IRDA)
 1 channel (SCI5 used)
 Supports encoding/decoding of waveforms conforming to IrDA standard 1.0
I2C bus interface (RIICa)
 1 channel
 Communications formats: I2C bus format/SMBus format
 Master mode or slave mode selectable
 Supports fast mode
Serial peripheral interface
(RSPIa)
 1 channel
 Transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPCK
(RSPI clock) enables serial transfer through SPI operation (four lines) or clock-synchronous
operation (three lines)
 Capable of handling serial transfer as a master or slave
 Data formats
 Choice of LSB-first or MSB-first transfer
The number of bits in each transfer can be changed to 8, 9, 10, 11, 12, 13, 14, 15, 16, 20, 24, or
32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
 Double buffers for both transmission and reception
USB 2.0 host/function
module (USBd)
 USB Device Controller (UDC) and transceiver for USB 2.0 are incorporated.
 Host/function module: 1 port
 Compliant with USB version 2.0
 Transfer speed: Full-speed (12 Mbps), low-speed (1.5 Mbps)
 OTG (ON-The-Go) is supported.
 Isochronous transfer is supported.
 BC1.2 (Battery Charging Specification Revision 1.2) is supported.
 Internal power supply for USB (allows operation without external power input to the VCC_USB pin
when VCC = 4.0 to 5.5V)
CAN module (RSCAN)
 1 channel
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 16 Message boxes
Table 1.1
Outline of Specifications (3/4)
Classification
Module/Function
Description


Similar Part No. - R5F52317BGFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52317BGFM RENESAS-R5F52317BGFM Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52317BGFM RENESAS-R5F52317BGFM Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52317BGFM30 RENESAS-R5F52317BGFM30 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

Similar Description - R5F52317BGFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com