Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F52315ADLA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F52315ADLA
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52315ADLA Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F52315ADLA Datasheet HTML 1Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 2Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 3Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 4Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 5Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 6Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 7Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 8Page - Renesas Technology Corp R5F52315ADLA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 5 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Communication
functions
Serial Sound Interface (SSI)
 1 channel
 Capable of duplex communications
 Various serial audio formats supported
 Master/slave function supported
 Programmable word clock or bit clock generation function
 8/16/18/20/22/24/32-bit data formats supported
 On-chip 8-stage FIFO for transmission/reception
 Supports WS continue mode in which the SSIWS signal is not stopped.
SD Host Interface (SDHIa)
 1 channel
 Transfer speed : Default speed mode (8MB/s)
 SD memory card interface (1 bit / 4bits SD bus)
 MMC, eMMC Backward-compatible are supported.
 SD Specifications
Part 1: Compliant with Physical Layer Specification Ver.3.01 (Not support DDR)
Part E1: SDIO Specification Ver. 3.00
 Compliant with USB version 2.0
 Error check function: CRC7 (command), CRC16 (data)
 Interrupt Source: Card access interrupt, SDIO access interrupt, Card detection interrupt, SD buffer
access interrupt
 DMA transfer sources: SD_BUFwrite, SD_BUF read
 Card detection, Write protection
Security functions
 Access management circuit
 Encryption engine
128- or 256-bit key sizes of AES
Block cipher mode of operation: GCM, ECB, CBC, CMAC, XTS, CTR, GCTR
 Hash function
 True random number generator
 Unique ID
12-bit A/D converter (S12ADE)
 12 bits (24 channels × 1 unit)
 12-bit resolution
 Minimum conversion time: 0.83 µs per channel when the ADCLK is operating at 54 MHz
 Operating modes
Scan mode (single scan mode, continuous scan mode, and group scan mode)
Group A priority control (only for group scan mode)
 Sampling variable
Sampling time can be set up for each channel.
 Self-diagnostic function
 Double trigger mode (A/D conversion data duplicated)
 Detection of analog input disconnection
 A/D conversion start conditions
A software trigger, a trigger from a timer (MTU, TPU), an external trigger signal, or ELC
 Event linking by the ELC
Temperature sensor (TEMPSA)
 1 channel
 The voltage output from the temperature sensor is converted into a digital value by the 12-bit A/D
converter.
12-bit D/A converter (R12DAA)
 2 channels
 12-bit resolution
 Output voltage: 0.4 to AVCC0-0.5V
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1
 Generation of CRC codes for use with LSB-first or MSB-first communications is selectable.
Comparator B (CMPBa)
 2 channels × 2 units
 Function to compare the reference voltage and the analog input voltage
 Window comparator operation or standard comparator operation is selectable
Capacitive touch sensing unit (CTSU)
Detection pin: 24 channels
Data operation circuit (DOC)
Comparison, addition, and subtraction of 16-bit data
Power supply voltages/Operating frequencies
VCC = 1.8 to 2.4 V: 8 MHz, VCC = 2.4 to 2.7 V: 16 MHz, VCC = 2.7 to 5.5 V: 54 MHz
Operating temperature range
D version:
40 to +85°C, G version: 40 to +105°C
Packages
100-pin TFLGA (PTLG0100KA-A) 5.5 × 5.5 mm, 0.5 mm pitch
100-pin LFQFP (PLQP0100KB-B) 14 × 14 mm, 0.5 mm pitch
64-pin WFLGA (PWLG0064KA-A) 5 × 5 mm, 0.5 mm pitch
64-pin HWQFN (PWQN0064KC-A) 9 × 9 mm, 0.5 mm pitch
64-pin LFQFP (PLQP0064KB-C) 10 × 10 mm, 0.5 mm pitch
48-pin HWQFN (PWQN0048KB-A) 7 × 7 mm, 0.5 mm pitch
48-pin LFQFP (PLQP0048KB-B) 7 × 7 mm, 0.5 mm pitch
On-chip debugging system
E1 emulator (FINE interface)
Table 1.1
Outline of Specifications (4/4)
Classification
Module/Function
Description


Similar Part No. - R5F52315ADLA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52315ADLA RENESAS-R5F52315ADLA Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52315ADLA20 RENESAS-R5F52315ADLA20 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

Similar Description - R5F52315ADLA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com