Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD48576118F1 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD48576118F1
Description  576M-BIT Low Latency DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48576118F1 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD48576118F1 Datasheet HTML 34Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 35Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 36Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 37Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 38Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 39Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 40Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 41Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
µµµµPD48576118F1
R10DS0257EJ0101 Rev. 1.01
Page 38 of 51
Jan. 15, 2016
Table 2-8. Address and Command Setup and Hold Derating Values
Command/
t
AS/tCS VREF to
t
AS/tCS VIH(AC)
t
AH/tCH
t
AH/tCH
Unit
Address Slew
CK/CK#
MIN to CK/CK#
CK/CK#
CK/CK#
Rate (V/ns)
Crossing
Crossing
Crossing to
Crossing to
VREF
VIH(DC) MIN
CK, CK# Differential Slew Rate: 2.0 V/ns
2.0
0
-100
0
-50
ps
1.9
5
-100
3
-50
ps
1.8
11
-100
6
-50
ps
1.7
18
-100
9
-50
ps
1.6
25
-100
13
-50
ps
1.5
33
-100
17
-50
ps
1.4
43
-100
22
-50
ps
1.3
54
-100
27
-50
ps
1.2
67
-100
34
-50
ps
1.1
82
-100
41
-50
ps
1.0
100
-100
50
-50
ps
CK, CK# Differential Slew Rate: 1.5 V/ns
2.0
30
-70
30
-20
ps
1.9
35
-70
33
-20
ps
1.8
41
-70
36
-20
ps
1.7
48
-70
39
-20
ps
1.6
55
-70
43
-20
ps
1.5
63
-70
47
-20
ps
1.4
73
-70
52
-20
ps
1.3
84
-70
57
-20
ps
1.2
97
-70
64
-20
ps
1.1
112
-70
71
-20
ps
1.0
130
-70
80
-20
ps
CK, CK# Differential Slew Rate: 1.0 V/ns
2.0
60
-40
60
10
ps
1.9
65
-40
63
10
ps
1.8
71
-40
66
10
ps
1.7
78
-40
69
10
ps
1.6
85
-40
73
10
ps
1.5
93
-40
77
10
ps
1.4
103
-40
82
10
ps
1.3
114
-40
87
10
ps
1.2
127
-40
94
10
ps
1.1
142
-40
101
10
ps
1.0
160
-40
110
10
ps


Similar Part No. - UPD48576118F1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48576118FF-E18-DW1 RENESAS-UPD48576118FF-E18-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E18-DW1-A RENESAS-UPD48576118FF-E18-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1 RENESAS-UPD48576118FF-E24-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1-A RENESAS-UPD48576118FF-E24-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E25-DW1 RENESAS-UPD48576118FF-E25-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
More results

Similar Description - UPD48576118F1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
   1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com