Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD48288118AF1 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD48288118AF1
Description  288M-BIT Low Latency DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288118AF1 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD48288118AF1 Datasheet HTML 15Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 16Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 17Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 18Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 19Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 20Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 21Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 22Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
µµµµPD48288118AF1
R10DS0255EJ0101 Rev. 1.01
Page 19 of 51
Jan. 15, 2016
2.8
Mode Register Set Command (MRS)
The mode register stores the data for controlling the operating modes of the memory. It programs the
µPD48288118AF1 configuration, burst length, and I/O options. During a MRS command, the address inputs A0–A17 are
sampled and stored in the mode register. tMRSC must be met before any command can be issued to the
µPD48288118AF1.
The mode register may be set at any time during device operation. However, any pending operations are not guaranteed
to successfully complete, and all memory cell data are not guaranteed.
Since MRS is used for internal test mode entry, bits A10–A17 must be set to all “0” at the MRS setting.
Figure 2-3. Mode Register Set Timing
Remark MRS: MRS command
AC : any command
Figure 2-4. Mode Register Set
Remark COD: code to be loaded into the register.
CK#
CK
COMMAND
tMRSC
MRS
NOP
NOP
AC
Don't care
QVLD
QKx
QKx#
CK#
CK
WE#
REF#
ADDRESS
CS#
COD
BANK
ADDRESS
Don't care


Similar Part No. - UPD48288118AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288118AFF-E18-DW1 RENESAS-UPD48288118AFF-E18-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E18-DW1-A RENESAS-UPD48288118AFF-E18-DW1-A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E24-DW1 RENESAS-UPD48288118AFF-E24-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E24-DW1-A RENESAS-UPD48288118AFF-E24-DW1-A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E25-DW1 RENESAS-UPD48288118AFF-E25-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
More results

Similar Description - UPD48288118AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com