Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLQP0064KB-C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PLQP0064KB-C
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064KB-C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PLQP0064KB-C Datasheet HTML 4Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 5Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 6Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 7Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 8Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 9Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 10Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 11Page - Renesas Technology Corp PLQP0064KB-C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 8 of 116
Oct 30, 2015
RX130 Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
Clock
generation
circuit
RX CPU
RAM
ROM
Port 1
Port 2
Port 4
Port 5
8-bit D/A converter × 2 channels
CRC
DOC
E2 DataFlash
RTCc
RIICa × 1 channel
12-bit A/D converter × 17 channels
TMR × 2 channels (unit 1)
ELC
DTCa
ICUb
CAC
IWDTa
Port A
Port B
Port C
Port D
MTU2a × 6 channels
SCIh × 1 channel
Port 3
Temperature sensor
Port E
Port H
Port J
Comparator B
POE2a
TMR × 2 channels (unit 0)
SCIg × 3 channels
CMT × 2 channels (unit 0)
RSPIa × 1 channel
Port 0
CTSUa
LPT
ICUb:
Interrupt controller
DTCa:
Data transfer controller
IWDTa:
Independent watchdog timer
ELC:
Event link controller
CRC:
CRC (cyclic redundancy check) calculator
SCIg/SCIh: Serial communications interface
RSPIa:
Serial peripheral interface
RIICa:
I2C bus interface
MTU2a:
Multi-function timer pulse unit 2
POE2a:
Port output enable 2
CMT:
Compare match timer
RTCc:
Realtime clock
DOC:
Data operation circuit
CAC:
Clock frequency accuracy measurement circuit
CTSUa:
Capacitive touch sensing unit
TMR:
8-bit timer
LPT:
Low power timer


Similar Part No. - PLQP0064KB-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PLQP0064KB-C RENESAS-PLQP0064KB-C Datasheet
784Kb / 70P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
Feb 24, 2022
More results

Similar Description - PLQP0064KB-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com