Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7FS124763A01CFM Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R7FS124763A01CFM
Description  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS124763A01CFM Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R7FS124763A01CFM Datasheet HTML 4Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 5Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 6Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 7Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 8Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 9Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 10Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 11Page - Renesas Technology Corp R7FS124763A01CFM Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 8 of 95
Feb 23, 2016
S124
1. Overview
1.3
Part Numbering
Figure 1.2
Part numbering scheme
7 3 A 0 1 C F M
Package type
FM: LQFP 64 pins
FL: LQFP 48 pins
LM: LGA 36 pins
NB: QFN 64 pins
NE: QFN 48 pins
NF: QFN 40 pins
Quality ID
Software ID
Operating temperature
2: -40° C to 85° C
3: -40° C to 105° C
Code flash memory size
6: 64 KB
7: 128 KB
Feature set
7: Superset
Group name
4: S124
Core
2: ARM Cortex-M0+
Series name
1: Ultra low power
Renesas Synergy family
Flash memory
Renesas microcontroller
Renesas
R 7 F S 1 2 4 7


Similar Part No. - R7FS124763A01CFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS128782A01CLM RENESAS-R7FS128782A01CLM Datasheet
1Mb / 107P
   Microcontroller
R7FS128782A01CLM#AC0 RENESAS-R7FS128782A01CLM#AC0 Datasheet
1Mb / 107P
   Microcontroller
R7FS128783A01CFJ RENESAS-R7FS128783A01CFJ Datasheet
1Mb / 107P
   Microcontroller
R7FS128783A01CFJ#AA0 RENESAS-R7FS128783A01CFJ#AA0 Datasheet
1Mb / 107P
   Microcontroller
R7FS128783A01CFL RENESAS-R7FS128783A01CFL Datasheet
1Mb / 107P
   Microcontroller
More results

Similar Description - R7FS124763A01CFM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com