Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S124 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 45Page - Renesas Technology Corp S124 Datasheet HTML 46Page - Renesas Technology Corp S124 Datasheet HTML 47Page - Renesas Technology Corp S124 Datasheet HTML 48Page - Renesas Technology Corp S124 Datasheet HTML 49Page - Renesas Technology Corp S124 Datasheet HTML 50Page - Renesas Technology Corp S124 Datasheet HTML 51Page - Renesas Technology Corp S124 Datasheet HTML 52Page - Renesas Technology Corp S124 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 49 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.3.6
I/O Ports, POEG, GPT, AGT, KINT, and ADC14 Trigger Timing
Note 1. Constraints on AGTIO input: tPcyc × 2 (tPcyc: PCLKB cycle) < tACYC.
Figure 2.28
I/O ports input timing
Figure 2.29
POEG input trigger timing
Figure 2.30
GPT input capture timing
Table 2.30
I/O Ports, POEG, GPT, AGT, KINT, and ADC14 trigger timing
Item
Symbol Min
Max
Unit
Test
conditions
I/O Ports
Input data pulse width
tPRW
1.5
-
tPcyc
Figure 2.28
POEG
POEG input trigger pulse width
tPOEW
3
-
tPcyc
Figure 2.29
GPT
Input capture pulse width
Single edge
tGTICW
1.5
-
tPDcyc
Figure 2.30
Dual edge
2.5
-
AGT
AGTIO, AGTEE input cycle
2.7 V ≤ VCC ≤ 5.5 V
tACYC*1 250
-
ns
Figure 2.31
2.4 V ≤ VCC < 2.7 V
500
-
ns
1.8 V ≤ VCC < 2.4 V
1000
-
ns
1.6 V ≤ VCC < 1.8 V
2000
-
ns
AGTIO, AGTEE input high level
width, low-level width
2.7 V ≤ VCC ≤ 5.5 V
tACKWH,
tACKWL
100
-
ns
2.4 V ≤ VCC < 2.7 V
200
-
ns
1.8 V ≤ VCC < 2.4 V
400
-
ns
1.6 V ≤ VCC < 1.8 V
800
-
ns
AGTIO, AGTO, AGTOA, AGTOB
output frequency
2.7 V ≤ VCC ≤ 5.5 V
tACYC2
62.5
-
ns
Figure 2.31
2.4 V ≤ VCC < 2.7 V
125
-
ns
1.8 V ≤ VCC < 2.4 V
250
-
ns
1.6 V ≤ VCC < 1.8 V
500
-
ns
ADC14
14-bit A/D converter trigger input pulse width
tTRGW
1.5
-
tPcyc
Figure 2.32
KINT
Key interrupt input low-level width
tKR
250
-
ns
Figure 2.33
Port
tPRW
POEG input trigger
tPOEW
Input capture
tGTICW


Similar Part No. - S124

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
More results

Similar Description - S124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com