Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7G2 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 38Page - Renesas Technology Corp S7G2 Datasheet HTML 39Page - Renesas Technology Corp S7G2 Datasheet HTML 40Page - Renesas Technology Corp S7G2 Datasheet HTML 41Page - Renesas Technology Corp S7G2 Datasheet HTML 42Page - Renesas Technology Corp S7G2 Datasheet HTML 43Page - Renesas Technology Corp S7G2 Datasheet HTML 44Page - Renesas Technology Corp S7G2 Datasheet HTML 45Page - Renesas Technology Corp S7G2 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 42 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.2
Ripple waveform
2.3
AC Characteristics
2.3.1
Frequency
Note 1. FCLK must run at a frequency of at least 4 MHz when programming or erasing the flash memory.
Note 2. See section 9, Clock Generation Circuit in User's Manual for the relationship between the ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK, and BCLK frequencies.
Note 3. When the ADC12 is used, the PCLKC frequency must be at least 1 MHz.
Note 1. Programming or erasing the flash memory is disabled in low-speed mode.
Note 2. See section 9, Clock Generation Circuit in User's Manual for the relationship between the ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK, and BCLK frequencies.
Note 3. When the ADC12 is used, the PCLKC frequency must be set to at least 1 MHz.
Table 2.10
Operation frequency value in high-speed mode
Item
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK*2)
f
-
-
240
MHz
Peripheral module clock (PCLKA)*2
-
-
120
Peripheral module clock (PCLKB)*2
--
60
Peripheral module clock (PCLKC)*2
-*3
-60
Peripheral module clock (PCLKD)*2
-
-
120
Flash interface clock (FCLK)*2
-*1
-60
External bus clock (BCLK)*2
-
-
120
EBCLK pin output
-
-
60
SDCLK pin output
VCC ≥ 3.0 V
-
-
120
Table 2.11
Operation frequency value in low-speed mode
Item
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)*2
f-
-
1
MHz
Peripheral module clock (PCLKA)*2
--
1
Peripheral module clock (PCLKB)*2
--
1
Peripheral module clock (PCLKC)*2,*3
-*3
-1
Peripheral module clock (PCLKD)*2
--
1
Flash interface clock (FCLK)*1, *2
--
1
External bus clock (BCLK)
-
-
1
EBCLK pin output
-
-
1
Vr(VCC)
VCC
1/fr(VCC)


Similar Description - S7G2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com