Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7G2 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp S7G2 Datasheet HTML 37Page - Renesas Technology Corp S7G2 Datasheet HTML 38Page - Renesas Technology Corp S7G2 Datasheet HTML 39Page - Renesas Technology Corp S7G2 Datasheet HTML 40Page - Renesas Technology Corp S7G2 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 37 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Note 1. SCL0_B, SCL1_B, SDA1_B (total 3 pins).
Note 2. SCL0_A, SDA0_A, SDA0_B, SCL1_A, SDA1_A, SCL2, SDA2 (total 7 pins).
Note 3. RES and peripheral function pins associated with P205, P206, P400, P401, P407 to P415, P511, P512, P708 to
P713, PB01 (total 23 pins).
Note 4. All input pins except for the peripheral function pins already described in the table.
Note 5. P205, P206, P400, P401, P407 to P415, P511, P512, P708 to P713, PB01 (total 22pins).
Note 6. All input pins except for the ports already described in the table.
Schmitt trigger
input voltage
Peripheral
function pin
IIC (except for
SMBus)*1
VIH
VCC × 0.7
-
VCC + 0.3
V
VIL
–0.3
-
VCC × 0.3
∆VT
VCC × 0.05
-
-
IIC (except for
SMBus)*2
VIH
VCC × 0.7
-
5.8
VIL
–0.3
-
VCC × 0.3
∆VT
VCC × 0.05
-
-
5V-tolerant ports*3
VIH
VCC × 0.8
-
5.8
VIL
–0.3
-
VCC × 0.2
∆VT
VCC × 0.05
-
-
RTCIC0, RTCIC1,
RTCIC2
(When VBATT power
supply is selected)
VIH
VBATT × 0.8
-
VBATT + 0.3
VIL
–0.3
-
VBATT × 0.2
∆VT
VBATT × 0.05
-
-
Other input pins*4
VIH
VCC × 0.8
-
VCC + 0.3
VIL
–0.3
-
VCC × 0.2
∆VT
VCC × 0.05
-
-
Ports
5V-tolerant ports*5
VIH
VCC × 0.8
-
5.8
VIL
–0.3
-
VCC × 0.2
Other input pins*6
VIH
VCC × 0.8
-
VCC + 0.3
VIL
–0.3
-
VCC × 0.2
Table 2.4
I/O VIH, VIL (2/2)
Item
Symbol
Min
Typ
Max
Unit


Similar Description - S7G2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com