Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7FS5D97E3A01CFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R7FS5D97E3A01CFP
Description  Microcontroller
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS5D97E3A01CFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R7FS5D97E3A01CFP Datasheet HTML 2Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 3Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 4Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 5Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 6Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 7Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 8Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 9Page - Renesas Technology Corp R7FS5D97E3A01CFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 6 of 115
Nov 3, 2016
S5D9
1. Overview
Resets
14 resets:
 RES pin reset
 Power-on reset
 Voltage monitor reset 0
 Voltage monitor reset 1
 Voltage monitor reset 2
 Independent Watchdog Timer reset
 Watchdog Timer reset
 Deep Software Standby reset
 SRAM parity error reset
 SRAM ECC error reset
 Bus master MPU error reset
 Bus slave MPU error reset
 Stack pointer error reset
 Software reset.
See section 6, Resets in User's Manual.
Low Voltage Detection (LVD)
The Low Voltage Detection (LVD) function monitors the voltage level input to the VCC pin, and
the detection level can be selected in the software program. See section 8, Low Voltage
Detection (LVD) in User's Manual.
Clocks
 Main clock oscillator (MOSC)
 Sub-clock oscillator (SOSC)
 High-speed on-chip oscillator (HOCO)
 Middle-speed on-chip oscillator (MOCO)
 Low-speed on-chip oscillator (LOCO)
 PLL frequency synthesizer
 Independent Watchdog Timer (WDT) on-chip oscillator
 Clock out support.
See section 9, Clock Generation Circuit in User's Manual.
Clock Frequency Accuracy
Measurement Circuit (CAC)
The CAC checks the system clock frequency with a reference clock signal by counting the
number of pulses of the system clock to be measured. The reference clock can be provided
externally through a CACREF pin or internally from various on-chip oscillators.
Event signals can be generated when the clock does not match or measurement ends. This
feature is particularly useful in implementing a fail-safe mechanism for home and industrial
automation applications.
See section 10, Clock Frequency Accuracy Measurement Circuit (CAC) in User's Manual.
Interrupt Controller Unit (ICU)
The ICU controls which event signals are linked to the NVIC/DTC module and DMAC module.
The ICU also controls NMI interrupts. See section 14, Interrupt Controller Unit (ICU) in User's
Manual.
Key interrupt function (KINT)
A key interrupt can be generated by setting the Key Return Mode register (KRM) and inputting
a rising or falling edge to the key interrupt input pins. See section 21, Key Interrupt Function
(KINT) in User's Manual.
Low-power modes
Power consumption can be reduced in multiple ways, including by setting clock dividers,
controlling EBCLK output, controlling SDCLK output, stopping modules, selecting power
control mode in normal operation, and transitioning to low-power modes. See section 11, Low-
Power Modes in User's Manual.
Battery backup function
A battery backup function is provided for partial powering by a battery. The battery-powered
area includes the RTC, SOSC, backup memory, and switch between VCC and VBATT. See
section 12, Battery Backup Function in User's Manual.
Register write protection
The register write protection function protects important registers from being overwritten
because of software errors. See section 13, Register Write Protection in User's Manual.
Memory Protection Unit (MPU)
Four MPUs and a CPU stack pointer monitor function are provided for memory protection. See
section 16, Memory Protection Unit (MPU) in User's Manual.
Watchdog Timer (WDT)
The WDT is a 14-bit down-counter. It can be used to reset the MCU when the counter
underflows because the system has run out of control and is unable to refresh the WDT. In
addition, a non-maskable interrupt or interrupt can be generated by an underflow.
A refresh-permitted period can be set to refresh the counter and be used as the condition for
detecting when the system runs out of control. See section 27, Watchdog Timer (WDT) in
User's Manual.
Table 1.3
System (2 of 3)
Feature
Functional description


Similar Part No. - R7FS5D97E3A01CFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS124762A01CLM RENESAS-R7FS124762A01CLM Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CFL RENESAS-R7FS124763A01CFL Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CFM RENESAS-R7FS124763A01CFM Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CNB RENESAS-R7FS124763A01CNB Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CNE RENESAS-R7FS124763A01CNE Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
More results

Similar Description - R7FS5D97E3A01CFP

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com