Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5D9 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 55Page - Renesas Technology Corp S5D9 Datasheet HTML 56Page - Renesas Technology Corp S5D9 Datasheet HTML 57Page - Renesas Technology Corp S5D9 Datasheet HTML 58Page - Renesas Technology Corp S5D9 Datasheet HTML 59Page - Renesas Technology Corp S5D9 Datasheet HTML 60Page - Renesas Technology Corp S5D9 Datasheet HTML 61Page - Renesas Technology Corp S5D9 Datasheet HTML 62Page - Renesas Technology Corp S5D9 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 59 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Figure 2.29
SDRAM self-refresh timing
2.3.7
I/O Ports, POEG, GPT32, AGT, KINT, and ADC12 Trigger Timing
Table 2.19
I/O ports, POEG, GPT32, AGT, KINT, and ADC12 trigger timing (1 of 2)
GPT32 Conditions:
High drive output is selected in the port drive capability bit in the PmnPFS register.
AGT Conditions:
Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Item
Symbol Min
Max
Unit
Test
conditions
I/O ports
Input data pulse width
tPRW
1.5
-
tPcyc
Figure 2.30
POEG
POEG input trigger pulse width
tPOEW
3-
tPcyc
Figure 2.31
Note 1. Address pins are for output of the precharge-select command (Precharge-sel) for the SDRAM.
A15 to A00
(RFS)
SDCLK
SDCS
AP*1
DQMn
DQ15 to DQ00
RAS
CAS
WE
CKE
(Hi-Z)
tCKED
(High)
tCASD
tCASD
tCASD
tRASD tRASD
tRASD
t CSD2
tCSD2
t CSD2
t AD2
t AD2
(RFA)
Ts
(RFX)
(RFA)
t AD2
t AD2
t CSD2
t CSD2
tCSD2
tCSD2
tRASD
tRASD tRASD tRASD
tCASD
tCASD tCASD tCASD
tCKED
SDRAM command
t DQMD
t DQMD


Similar Part No. - S5D9

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5D MCC-S5D Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
S5D SAMYANG-S5D Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
S5D TAYCHIPST-S5D Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S5D GXELECTRONICS-S5D Datasheet
416Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Semikron International
S5D SEMIKRON-S5D Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S5D9

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com