Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3A7 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 73Page - Renesas Technology Corp S3A7 Datasheet HTML 74Page - Renesas Technology Corp S3A7 Datasheet HTML 75Page - Renesas Technology Corp S3A7 Datasheet HTML 76Page - Renesas Technology Corp S3A7 Datasheet HTML 77Page - Renesas Technology Corp S3A7 Datasheet HTML 78Page - Renesas Technology Corp S3A7 Datasheet HTML 79Page - Renesas Technology Corp S3A7 Datasheet HTML 80Page - Renesas Technology Corp S3A7 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 77 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Figure 2.55
SCI simple SPI mode timing (slave, CKPH = 0)
Note 1.
tIICcyc: IIC internal reference clock (IICφ) Cycle, tPcyc: PCLKB cycle.
Note 2.
Cb indicates the total capacity of the bus line.
Table 2.39
SCI timing (3)
Conditions: VCC = 2.7 to 5.5 V
Item
Symbol
Min
Max
Unit
Test conditions
Simple IIC
(Standard mode)
SDA input rise time
tSr
-
1000
ns
Figure 2.56
SDA input fall time
tSf
-
300
ns
SDA input spike pulse removal time
tSP
04 × tIICcyc
ns
Data input setup time
tSDAS
250
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb*2
-
400
pF
Simple IIC
(Fast mode)
SCL, SDA input rise time
tSr
-
300
ns
Figure 2.56
SCL, SDA input fall time
tSf
-
300
ns
SCL, SDA input spike pulse removal time tSP
04 × tIICcyc
ns
Data input setup time
tSDAS
100
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb*2
-
400
pF
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SSn
input
SCKn
CKPOL = 1
input
SCKn
CKPOL = 0
input
MISOn
output
MOSIn
input
(n = 0 to 4, 9)


Similar Part No. - S3A7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
logo
Nanjing International G...
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - S3A7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com