Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3A7 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 36Page - Renesas Technology Corp S3A7 Datasheet HTML 37Page - Renesas Technology Corp S3A7 Datasheet HTML 38Page - Renesas Technology Corp S3A7 Datasheet HTML 39Page - Renesas Technology Corp S3A7 Datasheet HTML 40Page - Renesas Technology Corp S3A7 Datasheet HTML 41Page - Renesas Technology Corp S3A7 Datasheet HTML 42Page - Renesas Technology Corp S3A7 Datasheet HTML 43Page - Renesas Technology Corp S3A7 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 40 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
2.2.7
P408, P409 I/O Pin Output Characteristics of Middle Drive Capacity
Figure 2.12
VOH/VOL and IOH/IOL Voltage Characteristics at Ta = 25°C When Middle drive output is Selected
(Reference Data)
Figure 2.13
VOH/VOL and IOH/IOL Temperature Characteristics at VCC = 2.7 V When Low drive output is
Selected (Reference Data)
01
23
4
5
6
IOH/IOL vs VOH/VOL
VOH/VOL [V]
VCC = 5.5 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 5.5 V
-140
-120
-100
-80
-60
-40
-20
20
40
60
80
100
120
140
200
180
160
0
-160
-180
-200
0
0.5
1
1.5
2
2.5
3
-60
-40
-20
0
20
40
60
IOH/IOL vs VOH/VOL
VOH/VOL [V]
Ta = -40°C
Ta = 105°C
Ta = 25°C
Ta = 105°C
Ta = -40°C
Ta = 25°C


Similar Part No. - S3A7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - S3A7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com