Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F51305AGNE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F51305AGNE
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51305AGNE Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F51305AGNE Datasheet HTML 1Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 2Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 3Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 4Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 5Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 6Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 7Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 8Page - Renesas Technology Corp R5F51305AGNE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 5 of 116
Oct 30, 2015
RX130 Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages in the RX130 Group
Module/Functions
RX130 Group
80 Pins
64 Pins
48 Pins
Interrupts
External interrupts
NMI,
IRQ0 to IRQ7
NMI,
IRQ0 to IRQ2, IRQ4 to IRQ7
NMI,
IRQ0, IRQ1, IRQ4 to IRQ7
DMA
Data transfer controller
Available
Timers
Multi-function timer pulse unit 2
6 channels (MTU0 to MTU5)
Port output enable 2
POE0# to POE3#, POE8#
8-bit timer
2 channels× 2 units
Compare match timer
2 channels× 1 unit
Low power timer
1 channel
Realtime clock
Available
Not supported
Independent watchdog timer
Available
Communication
functions
Serial communications
interfaces (SCIg)
3 channels (SCI1, 5, 6)
Serial communications
interfaces (SCIh)
1 channel (SCI12)
I2C bus interface
1 channel
Serial peripheral interface
1 channel
Capacitive touch sensing unit
36 channels
32 channels
24 channels
12-bit A/D converter
17 channels
14 channels
10 channels
Temperature sensor
Available
D/A converter
2 channels
Not supported
CRC calculator
Available
Event link controller
Available
Comparator B
2 channels
Packages
80-pin LFQFP
(0.5mm)
64-pin LQFP
(0.8mm)
64-pin LFQFP
(0.5mm)
48-pin LFQFP
(0.5mm)
48-pin HWQFN
(0.5mm)


Similar Part No. - R5F51305AGNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51305AGNE RENESAS-R5F51305AGNE Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
R5F51305AGNEU0 RENESAS-R5F51305AGNEU0 Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
More results

Similar Description - R5F51305AGNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com