Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F51305AGFL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F51305AGFL
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51305AGFL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F51305AGFL Datasheet HTML 2Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 3Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 4Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 5Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 6Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 7Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 8Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 9Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 6 of 116
Oct 30, 2015
RX130 Group
1. Overview
1.2
List of Products
Table 1.3 is a lists of products, and Figure 1.1 shows how to read the product part no., memory capacity, and package
type.
Table 1.3
List of Products
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Maximum
Operating
Frequency
Operating
Temperature
RX130
R5F51305ADFN
R5F51305ADFN#30
PLQP0080KB-B
128 Kbytes
16 Kbytes
8 Kbytes
32 MHz
40 to 85°C
R5F51305ADFM
R5F51305ADFM#30
PLQP0064KB-C
R5F51305ADFK
R5F51305ADFK#30
PLQP0064GA-A
R5F51305ADFL
R5F51305ADFL#30
PLQP0048KB-B
R5F51305ADNE
R5F51305ADNE#U0
PWQN0048KB-A
R5F51303ADFN
R5F51303ADFN#30
PLQP0080KB-B
64 Kbytes
10 Kbytes
R5F51303ADFM
R5F51303ADFM#30
PLQP0064KB-C
R5F51303ADFK
R5F51303ADFK#30
PLQP0064GA-A
R5F51303ADFL
R5F51303ADFL#30
PLQP0048KB-B
R5F51303ADNE
R5F51303ADNE#U0
PWQN0048KB-A
R5F51305AGFN
R5F51305AGFN#30
PLQP0080KB-B
128 Kbytes
16 Kbytes
40 to 105°C
R5F51305AGFM
R5F51305AGFM#30
PLQP0064KB-C
R5F51305AGFK
R5F51305AGFK#30
PLQP0064GA-A
R5F51305AGFL
R5F51305AGFL#30
PLQP0048KB-B
R5F51305AGNE
R5F51305AGNE#U0
PWQN0048KB-A
R5F51303AGFN
R5F51303AGFN#30
PLQP0080KB-B
64 Kbytes
10 Kbytes
R5F51303AGFM
R5F51303AGFM#30
PLQP0064KB-C
R5F51303AGFK
R5F51303AGFK#30
PLQP0064GA-A
R5F51303AGFL
R5F51303AGFL#30
PLQP0048KB-B
R5F51303AGNE
R5F51303AGNE#U0
PWQN0048KB-A


Similar Part No. - R5F51305AGFL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51305AGFL RENESAS-R5F51305AGFL Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
R5F51305AGFL30 RENESAS-R5F51305AGFL30 Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
More results

Similar Description - R5F51305AGFL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com