Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F51305AGFK Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F51305AGFK
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51305AGFK Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F51305AGFK Datasheet HTML 3Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 4Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 5Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 6Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 7Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 8Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 9Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 10Page - Renesas Technology Corp R5F51305AGFK Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 7 of 116
Oct 30, 2015
RX130 Group
1. Overview
Figure 1.1
How to Read the Product Part Number
Package type, number of pins, and pin pitch
FN: LFQFP/80/0.50
FM: LFQFP/64/0.50
FK: LQFP/64/0.80
FL: LFQFP/48/0.50
NE: HWQFN/48/0.50
D: Operating ambient temperature (–40°C to +85°C)
G: Operating ambient temperature (–40°C to +105°C)
ROM, RAM, and E2 DataFlash capacity
5: 128 Kbytes/16 Kbytes/8 Kbytes
3: 64 Kbytes/10 Kbytes/8 Kbytes
Group name
30: RX130 Group
Series name
RX100 Series
Type of memory
F: Flash memory version
Renesas MCU
Renesas semiconductor product
R 5 F 5
1
D
F
M
A
5
0
3


Similar Part No. - R5F51305AGFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51305AGFK RENESAS-R5F51305AGFK Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
R5F51305AGFK30 RENESAS-R5F51305AGFK30 Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
More results

Similar Description - R5F51305AGFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com