Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C315C473M5U5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C315C473M5U5TA
Description  Ceramic, Commercial Grade, GoldMax, 0.047 uF, 20%, 50 V, Z5U, Lead Spacing = 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C315C473M5U5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C315C473M5U5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - e3c6ca29-e628-4a15-932e-8ebb934f99bb
KEMET Part Number: C315C473M5U5TA
Ceramic, Commercial Grade, GoldMax, 0.047 uF, 20%, 50 V, Z5U, Lead Spacing = 2.54mm
Dimensions
L
3.81mm MAX
H
3.14mm MAX
T
2.54mm MAX
S
2.54mm NOM
LL
7mm MIN
F
0.51mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 500
General Information
Style: Radial
Series: GoldMax
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Specifications
Capacitance: 0.047 uF
Capacitance Tolerance: 20%
Voltage DC: 50 VDC
Temperature Range: +10/+85C
Temperature Coefficient: Z5U
Dissipation Factor: 4%
Aging Rate: 7% Loss/Decade Hour
Insulation Resistance: 2.13 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C315C473M5U5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C315C473MBR5HA7301 KEMET-C315C473MBR5HA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C315C473MBR5HA7301 KEMET-C315C473MBR5HA7301 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C315C473MBR5HA7301 KEMET-C315C473MBR5HA7301 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C315C473MBR5TA7301 KEMET-C315C473MBR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C315C473MBR5TA7301 KEMET-C315C473MBR5TA7301 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results

Similar Description - C315C473M5U5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C316C473M5U5TA KEMET-C316C473M5U5TA Datasheet
57Kb / 1P
   Ceramic, GoldMax, 0.047 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C473M5U5TA7303 KEMET-C320C473M5U5TA7303 Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.047 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C473M5U5TA KEMET-C320C473M5U5TA Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.047 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C317C473M5U5TA KEMET-C317C473M5U5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.047 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C320C473M1U5TA KEMET-C320C473M1U5TA Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.047 uF, 20%, 100 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C315C104M5U5TA KEMET-C315C104M5U5TA_17 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.1 uF, 20%, 50 V, Z5U, Lead Spacing = 2.54mm
C320C474M5U5TA KEMET-C320C474M5U5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.47 uF, 20%, 50 V, Z5U, Lead Spacing = 2.54mm
C320C334M5U5TA KEMET-C320C334M5U5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.33 uF, 20%, 50 V, Z5U, Lead Spacing = 2.54mm
C340C475M5U5TA KEMET-C340C475M5U5TA Datasheet
51Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 4.7 uF, 20%, 50 V, Z5U, Lead Spacing = 5.08mm
C324C104M5U5TA KEMET-C324C104M5U5TA Datasheet
58Kb / 1P
   Ceramic, GoldMax, 0.1 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com