Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F51113AGNF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F51113AGNF
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51113AGNF Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F51113AGNF Datasheet HTML 1Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 2Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 3Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 4Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 5Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 6Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 7Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 8Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
Datasheet
R01DS0190EJ0130 Rev.1.30
Page 1 of 127
May 31, 2016
RX111 Group
Renesas MCUs
Features
■ 32-bit RX CPU core
 32 MHz maximum operating frequency
Capable of 50 DMIPS when operating at 32 MHz
 Accumulator handles 64-bit results (for a single
instruction) from 32-bit × 32-bit operations
 Multiplication and division unit handles 32-bit × 32-bit
operations (multiplication instructions take one CPU
clock cycle)
 Fast interrupt
 CISC Harvard architecture with five-stage pipeline
 Variable-length instruction format, ultra-compact code
 On-chip debugging circuit
■ Low power consumption functions
 Operation from a single 1.8 to 3.6 V supply
 Three low power consumption modes
 Supply current
High-speed operating mode: 0.11 mA/MHz
Software standby mode: 0.44 μA
 Recovery time from software standby mode: 4.8 μs
■ On-chip flash memory for code, no wait states
 Operation at 32 MHz, read cycle of 31.25 ns
 No wait states for reading at full CPU speed
 16 to 512 Kbyte capacities
 Programmable at 1.8 V
 For instructions and operands
■ On-chip data flash memory
 8 Kbytes
1,000,000 Erase/Write cycles (typ.)
 BGO (Background Operation)
■ On-chip SRAM, no wait states
 8 to 64 Kbyte capacities
■ Data transfer controller (DTC)
 Four transfer modes
 Transfer can be set for each interrupt source.
■ Event link controller (ELC)
 Module operation can be initiated by event signals without
going through interrupts.
 Link operation between modules is possible while the
CPU is sleeping.
■ Reset and power supply voltage management
 Six types including Power-On Reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External clock input frequency: Up to 20 MHz
 Main clock oscillator frequency: 1 to 20 MHz
 Sub-clock oscillator frequency: 32.768 kHz
 PLL circuit input: 4 to 8 MHz
 Low-speed on-chip oscillator: 4 MHz
 High-speed on-chip oscillator: 32 MHz±1% (20 to 85°C)
 IWDT-dedicated on-chip oscillator: 15 kHz
 Generate a dedicated 32.768-kHz clock for the RTC
 On-chip clock frequency accuracy measurement circuit
(CAC)
■ Realtime clock (RTC)
 30-second, leap year, and error adjustment functions
 Calendar count mode or binary count mode selectable
 Capable of initiating exit from software standby mode
■ Independent watchdog timer (IWDT)
 15-kHz on-chip oscillator produces a dedicated clock
signal to drive IWDT operation.
■ On-chip functions for IEC 60730 compliance
 Clock frequency accuracy measurement circuit, IWDT,
functions to assist in RAM testing, etc.
■ Up to six channels for communication
 USB: USB 2.0 host (32 Kbyte or more ROM)/function/
On-The-Go (OTG) (one channel), full-speed = 12 Mbps,
low-speed = 1.5 Mbps, isochronous transfer, and BC
(Battery Charger) supported
 SCI: Asynchronous mode, clock synchronous mode,
smart card interface (up to three channels)
 I2C bus interface: Transfer at up to 400 kbps, capable of
SMBus operation (one channel)
 RSPI: Up to 16 Mbps (one channel)
■ Up to 8 extended-function timers
 16-bit MTU: Input capture/output compare,
complementary PWM output, phase counting mode
(six channels)
 16-bit CMT (two channels)
■ 12-bit A/D converter
 Up to 14 channels
 1.0 μs minimum conversion speed
 Double trigger (data duplication) function for motor
control
■ 8-bit D/A converter
 Two channels (for 64 pins only)
■ Temperature sensor
■ General I/O ports
 5-V tolerant, open drain, input pull-up
■ Multi-function pin controller (MPC)
 Multiple I/O pins can be selected for peripheral functions.
■ Unique ID
 32-byte ID code for the MCU
■ Operating temperature range
40 to 85C
40 to 105°C
PLQP0064KB-A 10 × 10 mm, 0.5 mm pitch
PLQP0064GA-A 14 × 14 mm, 0.8 mm pitch
PLQP0048KB-A 7 × 7 mm, 0.5 mm pitch
PWQN0048KB-A 7 × 7 mm, 0.50 mm pitch
PWQN0040KC-A 6 × 6 mm, 0.50 mm pitch
PWLG0064KA-A 5 × 5 mm, 0.5 mm pitch
PWLG0036KA-A 4 × 4 mm, 0.5 mm pitch
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory,
USB 2.0 full-speed host/function/OTG, up to 6 comms channels,
12-bit A/D, 8-bit D/A, RTC
R01DS0190EJ0130
Rev.1.30
May 31, 2016


Similar Part No. - R5F51113AGNF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51113AGNF RENESAS-R5F51113AGNF Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51113AGNF RENESAS-R5F51113AGNF Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51113AGNF RENESAS-R5F51113AGNF Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51113AGNFUA RENESAS-R5F51113AGNFUA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51113AGNFV0 RENESAS-R5F51113AGNFV0 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
More results

Similar Description - R5F51113AGNF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com