Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX111 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 82Page - Renesas Technology Corp RX111_16 Datasheet HTML 83Page - Renesas Technology Corp RX111_16 Datasheet HTML 84Page - Renesas Technology Corp RX111_16 Datasheet HTML 85Page - Renesas Technology Corp RX111_16 Datasheet HTML 86Page - Renesas Technology Corp RX111_16 Datasheet HTML 87Page - Renesas Technology Corp RX111_16 Datasheet HTML 88Page - Renesas Technology Corp RX111_16 Datasheet HTML 89Page - Renesas Technology Corp RX111_16 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 86 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.3.5
Timing of On-Chip Peripheral Modules
Note 1. tPcyc: PCLK cycle
Note 2. tcac: CAC count clock source cycle
Note 3. When the LOCO is selected as the clock output source (CKOCR.CKOSEL[2:0] bits = 000b), set the clock output division ratio
selection to divided by 2 (CKOCR.CKODIV[2:0] bits = 001b).
Note 4. When the XTAL external clock input or an oscillator is used with divided by 1 (CKOCR.CKOSEL[2:0] bits = 010b and
CKOCR.CKODIV[2:0] bits = 000b) to output from CLKOUT, the above should be satisfied with an input duty cycle of 45 to 55%.
Table 5.32
Timing of On-Chip Peripheral Modules (1)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions
I/O ports
Input data pulse width
tPRW
1.5
tPcyc
Figure 5.38
MTU2
Input capture input pulse width
Single-edge setting
tTICW
1.5
tPcyc
Figure 5.39
Both-edge setting
2.5
Timer clock pulse width
Single-edge setting
tTCKWH,
tTCKWL
1.5
tPcyc
Figure 5.40
Both-edge setting
2.5
Phase counting mode
2.5
POE
POE# input pulse width
tPOEW
1.5
tPcyc
Figure 5.41
SCI
Input clock cycle
Asynchronous
tScyc
4—
tPcyc
Figure 5.42
Clock synchronous
6
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—20
ns
Input clock fall time
tSCKf
—20
ns
Output clock cycle
Asynchronous
tScyc
16
tPcyc
Figure 5.43
C = 30 pF
Clock synchronous
4
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—20
ns
Output clock fall time
tSCKf
—20
ns
Transmit data delay time
(master)
Clock synchronous
tTXD
—40
ns
Transmit data delay time
(slave)
Clock
synchronous
2.7 V or above
65
ns
1.8 V or above
100
ns
Receive data setup time
(master)
Clock
synchronous
2.7 V or above
tRXS
65
ns
1.8 V or above
90
ns
Receive data setup time
(slave)
Clock synchronous
40
ns
Receive data hold time
Clock synchronous
tRXH
40
ns
A/D
converter
Trigger input pulse width
tTRGW
1.5
tPcyc
Figure 5.44
CAC
CACREF input pulse width
tPcyc ≤ tcac*2
tCACREF 4.5 tcac + 3 tPcyc
—ns
tPcyc > tcac*2
5 tcac + 6.5 tPcyc
CLKOUT
CLKOUT pin output cycle*4
VCC = 2.7 V or above
tCcyc
125
ns
VCC = 1.8 V or above
250
CLKOUT pin high pulse width*3
VCC = 2.7 V or above
tCH
35
ns
VCC = 1.8 V or above
70
CLKOUT pin low pulse width*3
VCC = 2.7 V or above
tCL
35
ns
VCC = 1.8 V or above
70
CLKOUT pin output rise time
VCC = 2.7 V or above
tCr
—15
ns
VCC = 1.8 V or above
30
CLKOUT pin output fall time
VCC = 2.7 V or above
tCf
—15
ns
VCC = 1.8 V or above
30


Similar Part No. - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

Similar Description - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com