Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZV950V2 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZV950V2
Description  SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZV950V2 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZV950V2 Datasheet HTML 1Page - Zetex Semiconductors ZV950V2 Datasheet HTML 2Page - Zetex Semiconductors ZV950V2 Datasheet HTML 3Page - Zetex Semiconductors ZV950V2 Datasheet HTML 4Page - Zetex Semiconductors ZV950V2 Datasheet HTML 5Page - Zetex Semiconductors ZV950V2 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZV950V2, ZV952V2, ZV953V2, ZMDC953, FSD273
Device Description
A range of silicon varactor diodes for use in frequency control and
filtering. Featuring closely controlled CV characteristics, low voltage
operation and high Q. Low reverse current ensures very low phase
noise performance. These parts can be used with control voltages from
0.5V to 2.5V, making them ideal for 3 volt systems.
Available in
miniature surface mount packages.
Features
• Close tolerance C-V characteristics
• Tuning from 0.5 to 2.5 Volts to suit 3 volt systems
• Low IR (typically 10pA)
• Excellent phase noise performance
• High Q at low voltage
• Miniature surface mount packages
• Band selection for DAB applications - FSD273
Applications
• VCXO and TCXO
• Wireless communications
• Pagers
• Mobile radio
• Digital Radio receivers
950 series
ISSUE 2 - MAY 2002
1
SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES


Similar Part No. - ZV950V2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ZV95K1210201HT BOURNS-ZV95K1210201HT Datasheet
1Mb / 23P
   Low Voltage, High Temperature Varistors
ZV95K1812301HT BOURNS-ZV95K1812301HT Datasheet
1Mb / 23P
   Low Voltage, High Temperature Varistors
ZV95K2220501HT BOURNS-ZV95K2220501HT Datasheet
1Mb / 23P
   Low Voltage, High Temperature Varistors
More results

Similar Description - ZV950V2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
logo
Tyco Electronics
MA4ST1300 MACOM-MA4ST1300 Datasheet
81Kb / 5P
   Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003_15 Datasheet
748Kb / 5P
   Varactor Diodes, Si Hyperabrupt Low-Voltage / Wide Band
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300 Datasheet
85Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com